Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB5N50 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQB5N50
Description  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB5N50 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQB5N50 Datasheet HTML 1Page - Fairchild Semiconductor FQB5N50 Datasheet HTML 2Page - Fairchild Semiconductor FQB5N50 Datasheet HTML 3Page - Fairchild Semiconductor FQB5N50 Datasheet HTML 4Page - Fairchild Semiconductor FQB5N50 Datasheet HTML 5Page - Fairchild Semiconductor FQB5N50 Datasheet HTML 6Page - Fairchild Semiconductor FQB5N50 Datasheet HTML 7Page - Fairchild Semiconductor FQB5N50 Datasheet HTML 8Page - Fairchild Semiconductor FQB5N50 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
  
 
  #01 &$
"!#01 &$
2 $ 3"!#01 &$

70


#-
70
30
//8
/9
//8
.



70


#-
70
30
//8
/9
//8
.


70
30
/4
:/4


 
 


33

30
)
7
70
70
30
/4
:/4


 
 


33

30
)
7
70
-0 -0




300 33
300
33
30
300

33
-0
30
3


7

 3

-0 -0



-0 -0







300 33
300
33
30
300

33
-0
30
3


7

 3
 3



Similar Part No. - FQB5N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N50C FAIRCHILD-FQB5N50C Datasheet
634Kb / 9P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQB5N50C ISC-FQB5N50C Datasheet
292Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-27
logo
Fairchild Semiconductor
FQB5N50CF FAIRCHILD-FQB5N50CF Datasheet
700Kb / 8P
   500V N-Channel MOSFET
FQB5N50CFTF FAIRCHILD-FQB5N50CFTF Datasheet
700Kb / 8P
   500V N-Channel MOSFET
FQB5N50CFTM FAIRCHILD-FQB5N50CFTM Datasheet
700Kb / 8P
   500V N-Channel MOSFET
More results

Similar Description - FQB5N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com