Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNQ5E050AK-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VNQ5E050AK-E
Description  Quad channel high-side driver with analog current sense for automotive applications
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ5E050AK-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VNQ5E050AK-E Datasheet HTML 6Page - STMicroelectronics VNQ5E050AK-E Datasheet HTML 7Page - STMicroelectronics VNQ5E050AK-E Datasheet HTML 8Page - STMicroelectronics VNQ5E050AK-E Datasheet HTML 9Page - STMicroelectronics VNQ5E050AK-E Datasheet HTML 10Page - STMicroelectronics VNQ5E050AK-E Datasheet HTML 11Page - STMicroelectronics VNQ5E050AK-E Datasheet HTML 12Page - STMicroelectronics VNQ5E050AK-E Datasheet HTML 13Page - STMicroelectronics VNQ5E050AK-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Electrical specifications
VNQ5E050AK-E
10/37
Doc ID 13519 Rev 6
ICSDH
High level CS_DIS current
VCSD =2.1 V
10
µA
VCSD(hyst) CS_DIS hysteresis voltage
0.25
V
VCSCL
CS_DIS clamp voltage
ICSD =1mA
5.5
7
V
ICSD =-1mA
-0.7
Table 8.
Protections and diagnostics (1)
1.
To ensure long term reliability under heavy overload or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device is subjected to
abnormal conditions, this software must limit the duration and number of activation cycles.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IlimH
DC short circuit
current
VCC = 13 V
19
27
38
A
5V<VCC <28V
38
A
IlimL
Short circuit current
during thermal cycling
VCC =13V; TR <Tj <TTSD
7A
TTSD
Shutdown
temperature
150
175
200
°C
TR
Reset temperature
TRS + 1 TRS + 5
°C
TRS
Thermal reset of
STATUS
135
°C
THYST
Thermal hysteresis
(TTSD-TR)
7°C
VDEMAG
Turn-off output voltage
clamp
IOUT =2A; VIN =0;
L=6mH
VCC-41
VCC-46 VCC-52
V
VON
Output voltage drop
limitation
IOUT =0.1 A;
Tj = -40 °C...150 °C
(see Figure 8)
25
mV
Table 9.
Current sense (8 V < VCC <18V)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
K0
IOUT/ISENSE
IOUT =0.05A;
VSENSE = 0.5 V; VCSD =0 V;
Tj = -40 °C...150 °C
1050 2110 3170
K1
IOUT/ISENSE
IOUT =1A;
VSENSE =4V; VCSD =0V;
Tj = -40 °C...150 °C
Tj = 25 °C...150 °C
1510
1510
1890
1890
2650
2270
dK1/K1
(1)
Current sense ratio
drift
IOUT =1A; VSENSE =4V;
VCSD =0V;
Tj = -40 °C to 150 °C
-13
13
%
Table 7.
Logic inputs (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Similar Part No. - VNQ5E050AK-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5E050K-E STMICROELECTRONICS-VNQ5E050K-E Datasheet
602Kb / 34P
   Quad channel high side driver for automotive applications
VNQ5E050KTR-E STMICROELECTRONICS-VNQ5E050KTR-E Datasheet
602Kb / 34P
   Quad channel high side driver for automotive applications
VNQ5E050MK-E STMICROELECTRONICS-VNQ5E050MK-E Datasheet
473Kb / 36P
   Quad channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VNQ5E050AK-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5E250AJ-E STMICROELECTRONICS-VNQ5E250AJ-E Datasheet
475Kb / 37P
   Quad channel high-side driver with analog current sense for automotive applications
VNQ5E080TD1-E STMICROELECTRONICS-VNQ5E080TD1-E Datasheet
428Kb / 23P
   Quad channel high-side driver with analog current sense for automotive applications
June 2012 Rev. 5
VNQ5E160AK-E STMICROELECTRONICS-VNQ5E160AK-E Datasheet
684Kb / 37P
   Quad channel high side driver with analog current sense for automotive applications
VNQ5027AK-E STMICROELECTRONICS-VNQ5027AK-E Datasheet
449Kb / 31P
   Quad channel high side driver with analog current sense for automotive applications
VNQ5E050MK-E STMICROELECTRONICS-VNQ5E050MK-E Datasheet
473Kb / 36P
   Quad channel high-side driver with analog current sense for automotive applications
VNQ5050AK-E STMICROELECTRONICS-VNQ5050AK-E Datasheet
623Kb / 31P
   Quad channel high side driver with analog current sense for automotive applications
VNQ9080AJ STMICROELECTRONICS-VNQ9080AJ Datasheet
1Mb / 44P
   Quad channel high-side driver with Current Sense analog feedback for automotive applications
Rev 6 - August 2022
VNQ9025AJ STMICROELECTRONICS-VNQ9025AJ Datasheet
1Mb / 44P
   Quad channel high-side driver with current sense analog feedback for automotive applications
Rev 6 - February 2023
VN5010AK-E STMICROELECTRONICS-VN5010AK-E Datasheet
618Kb / 31P
   High side driver with analog current sense for automotive applications
VNQ5E160MK-E STMICROELECTRONICS-VNQ5E160MK-E Datasheet
731Kb / 34P
   Quad channel high-side driver with analog current sense for automotive application
November 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com