Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VND5N07TR-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # VND5N07TR-E
Description  OMNIFET II fully autoprotected Power MOSFET
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5N07TR-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VND5N07TR-E Datasheet HTML 2Page - STMicroelectronics VND5N07TR-E Datasheet HTML 3Page - STMicroelectronics VND5N07TR-E Datasheet HTML 4Page - STMicroelectronics VND5N07TR-E Datasheet HTML 5Page - STMicroelectronics VND5N07TR-E Datasheet HTML 6Page - STMicroelectronics VND5N07TR-E Datasheet HTML 7Page - STMicroelectronics VND5N07TR-E Datasheet HTML 8Page - STMicroelectronics VND5N07TR-E Datasheet HTML 9Page - STMicroelectronics VND5N07TR-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical specifications
VND5N07
6/24
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to Absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
program and other relevant quality document.
2.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK / IPAK
ISOWATT220
SOT-82FM
VDSn
Drain-Source voltage (VINn = 0V)
Internally clamped
V
VINn
Input voltage
18
V
IDn
Drain current
Internally limited
A
IRn
Reverse DC output current
-7
A
VESD
Electrostatic discharge (R = 1.5K
Ω,
C = 100pF)
2000
V
Ptot
Total dissipation at Tc = 25°C
60
24
9
W
Tj
Operating junction temperature
Internally limited
°C
Tc
Case operating temperature
Internally limited
°C
Tstg
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Max. value
Unit
DPAK / IPAK ISOWATT220
SOT-82FM
Rthj-case
Thermal resistance junction-case
3.75
5.2
14
°C/W
Rthj-amb
Thermal resistance junction-ambient
100
62.5
100
°C/W


Similar Part No. - VND5N07TR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
166Kb / 15P
   OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
507Kb / 24P
   OMNIFET IIfully autoprotected Power MOSFET
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
618Kb / 24P
   fully autoprotected Power MOSFET
VND5N07-1 STMICROELECTRONICS-VND5N07-1 Datasheet
166Kb / 15P
   OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
VND5N07-1 STMICROELECTRONICS-VND5N07-1 Datasheet
507Kb / 24P
   OMNIFET IIfully autoprotected Power MOSFET
More results

Similar Description - VND5N07TR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNS3NV04DPTR-E STMICROELECTRONICS-VNS3NV04DPTR-E Datasheet
289Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VNS3NV04D13TR STMICROELECTRONICS-VNS3NV04D13TR Datasheet
249Kb / 14P
   OMNIFET II FULLY AUTOPROTECTED POWER MOSFET
VNN1NV04TR-E STMICROELECTRONICS-VNN1NV04TR-E Datasheet
546Kb / 33P
   OMNIFET II fully autoprotected Power MOSFET
VNS14NV0413TR STMICROELECTRONICS-VNS14NV0413TR Datasheet
1Mb / 31P
   "OMNIFET II" fully autoprotected Power MOSFET
VNN3NV04 STMICROELECTRONICS-VNN3NV04_09 Datasheet
493Kb / 26P
   OMNIFET II fully autoprotected Power MOSFET
VNS7NV04P-E STMICROELECTRONICS-VNS7NV04P-E Datasheet
370Kb / 29P
   OMNIFET II fully autoprotected Power MOSFET
September 2013 Rev 4
VNN3NV04PTR-E STMICROELECTRONICS-VNN3NV04PTR-E Datasheet
284Kb / 22P
   OMNIFET II fully autoprotected Power MOSFET
VNS3NV04D-E STMICROELECTRONICS-VNS3NV04D-E Datasheet
357Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VNB35NV04-E STMICROELECTRONICS-VNB35NV04-E Datasheet
561Kb / 27P
   OMNIFET II: fully autoprotected Power MOSFET
February 2015 Rev 5
VNS14NV04P-E STMICROELECTRONICS-VNS14NV04P-E Datasheet
632Kb / 22P
   "OMNIFET II" fully autoprotected Power MOSFET
September 2013 Rev 3
VNN7NV04 STMICROELECTRONICS-VNN7NV04 Datasheet
618Kb / 37P
   OMNIFET II fully autoprotected Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com