Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ27VAL-7-F Datasheet(PDF) 5 Page - Diodes Incorporated

Part # MMBZ27VAL-7-F
Description  24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ27VAL-7-F Datasheet(HTML) 5 Page - Diodes Incorporated

  MMBZ27VAL-7-F Datasheet HTML 1Page - Diodes Incorporated MMBZ27VAL-7-F Datasheet HTML 2Page - Diodes Incorporated MMBZ27VAL-7-F Datasheet HTML 3Page - Diodes Incorporated MMBZ27VAL-7-F Datasheet HTML 4Page - Diodes Incorporated MMBZ27VAL-7-F Datasheet HTML 5Page - Diodes Incorporated MMBZ27VAL-7-F Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MMBZ5V6AL - MMBZ33VAL
Document number: DS30306 Rev. 14 - 2
5 of 6
www.diodes.com
January 2013
© Diodes Incorporated
MMBZ5V6AL - MMBZ33VAL
Package Outline Dimensions
Suggested Pad Layout
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11
α
-
All Dimensions in mm
Dimensions Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35
A
M
J
L
D
F
B C
H
K
G
K1
X
E
Y
C
Z


Similar Part No. - MMBZ27VAL-7-F

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
MMBZ27VAL-Q NEXPERIA-MMBZ27VAL-Q Datasheet
217Kb / 11P
   Low capacitance unidirectional double ESD protection diode
13 June 2022
More results

Similar Description - MMBZ27VAL-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5V6AL DIODES-MMBZ5V6AL Datasheet
71Kb / 4P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 5 - 2
MMBZ5V6AL DIODES-MMBZ5V6AL_13 Datasheet
199Kb / 6P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
MMBZ20VAL-7-F DIODES-MMBZ20VAL-7-F Datasheet
199Kb / 6P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
MMBZ5V6AL DIODES-MMBZ5V6AL_1 Datasheet
448Kb / 4P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 9 - 2
MMBZ15VAL-7-F DIODES-MMBZ15VAL-7-F Datasheet
199Kb / 6P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
MMBZ5V6AL DIODES-MMBZ5V6AL_10 Datasheet
108Kb / 5P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev. 13 - 2 February 2010
MMBZ15VDL DIODES-MMBZ15VDL_08 Datasheet
136Kb / 4P
   40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 11 - 2
MMBZ15VDL DIODES-MMBZ15VDL Datasheet
73Kb / 3P
   40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 3 - 2
MMBZ15VDL DIODES-MMBZ15VDL_1 Datasheet
381Kb / 4P
   40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 9 - 2
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com