Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T3050H-6I Datasheet(PDF) 2 Page - STMicroelectronics

Part # T3050H-6I
Description  Snubberless??high temperature 30 A Triacs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T3050H-6I Datasheet(HTML) 2 Page - STMicroelectronics

  T3050H-6I Datasheet HTML 1Page - STMicroelectronics T3050H-6I Datasheet HTML 2Page - STMicroelectronics T3050H-6I Datasheet HTML 3Page - STMicroelectronics T3050H-6I Datasheet HTML 4Page - STMicroelectronics T3050H-6I Datasheet HTML 5Page - STMicroelectronics T3050H-6I Datasheet HTML 6Page - STMicroelectronics T3050H-6I Datasheet HTML 7Page - STMicroelectronics T3050H-6I Datasheet HTML 8Page - STMicroelectronics T3050H-6I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
T3035H T3050H
2/9
Doc ID 17029 Rev 4
1
Characteristics
Table 2.
Absolute maximum rating
Symbol
Parameter
Value
Unit
IT(RMS) On-state rms current (full sine wave)
TO-220AB
Tc = 121 °C
30
A
TO-220AB
insul.
Tc = 92 °C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25 °C)
F = 50 Hz
t = 20 ms
270
A
F = 60 Hz
t = 16.7 ms
284
I²tI²t Value for fusing
tp = 10 ms
487
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 150 °C
50
A/µs
VDSM/
VRSM
Non repetitive surge peak
off-state volt-age
tp = 10 µs
Tj = 25 °C
VDSM/VRSM
+100
V
IGM
Peak gate current
tp = 20 µs
Tj = 150 °C
4
A
PG(AV)
Average gate power dissipation
Tj = 150 °C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
-40 to +150
-40 to +150
°C
Table 3.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
Value
Unit
T3035H T3050H
IGT
(1)
1.
Minimum IGT is guaranted at 20 % of IGT max.
VD = 12 V RL = 33 Ω
I - II - III
MAX.
35
50
mA
VGT
I - II - III
MAX.
1.0
V
VGD
VD = VDRM RL = 3.3 kΩ
I - II - III
MIN.
0.15
V
IH
(2)
2.
For both polarities of A2 referenced to A1.
IT = 500 mA
MAX.
60
75
mA
IL
IG = 1.2 IGT
I - III
MAX.
75
90
mA
II
90
110
dV/dt (2) VD = 67 %VDRM gate open
Tj = 150 °C
MIN.
1000
1500
V/µs
(dI/dt)c
(2)
Without snubber
Tj = 150 °C
MIN.
33
44
A/ms


Similar Part No. - T3050H-6I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
   Snubberless high temperature 30 A Triacs
More results

Similar Description - T3050H-6I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
   Snubberless high temperature 30 A Triacs
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
   High temperature 20 A Snubberless??TRIACs
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
   Snubberless high temperature 25 A Triacs
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
   High temperature 16 A Snubberless??Triacs
T2035H STMICROELECTRONICS-T2035H Datasheet
136Kb / 10P
   Snubberless??high temperature 20 A Triacs
T1635H STMICROELECTRONICS-T1635H Datasheet
123Kb / 10P
   Snubberless TM high temperature 16 A Triacs
T1235H STMICROELECTRONICS-T1235H_V01 Datasheet
136Kb / 10P
   High temperature 12 A Snubberless™ Triacs
September 2011
BTA08BW STMICROELECTRONICS-BTA08BW Datasheet
185Kb / 4P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-700BW KERSEMI-BTA20-700BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
BTA08AW STMICROELECTRONICS-BTA08AW Datasheet
184Kb / 4P
   SNUBBERLESS TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com