Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM30T35AY Datasheet(PDF) 8 Page - STMicroelectronics

Part # SM30T35AY
Description  Automotive 3000 W Transil?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T35AY Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SM30T35AY Datasheet HTML 4Page - STMicroelectronics SM30T35AY Datasheet HTML 5Page - STMicroelectronics SM30T35AY Datasheet HTML 6Page - STMicroelectronics SM30T35AY Datasheet HTML 7Page - STMicroelectronics SM30T35AY Datasheet HTML 8Page - STMicroelectronics SM30T35AY Datasheet HTML 9Page - STMicroelectronics SM30T35AY Datasheet HTML 10Page - STMicroelectronics SM30T35AY Datasheet HTML 11Page - STMicroelectronics SM30T35AY Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application and design guidelines
SM30TY
8/13
Doc ID 022065 Rev 2
2
Application and design guidelines
More information is available in the Application note AN2689 “Protection of automotive
electronics from electrical hazards, guidelines for design and component selection”.


Similar Part No. - SM30T35AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM30T35AY STMICROELECTRONICS-SM30T35AY Datasheet
277Kb / 12P
   Automotive 3000 W Transil
SM30T35AY STMICROELECTRONICS-SM30T35AY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
SM30T35AYCAY STMICROELECTRONICS-SM30T35AYCAY Datasheet
277Kb / 12P
   Automotive 3000 W Transil
More results

Similar Description - SM30T35AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM30T28CAY STMICROELECTRONICS-SM30T28CAY Datasheet
277Kb / 12P
   Automotive 3000 W Transil
SMC30J10A STMICROELECTRONICS-SMC30J10A Datasheet
132Kb / 10P
   3000 W Transil?
SMC30J10CA STMICROELECTRONICS-SMC30J10CA Datasheet
132Kb / 10P
   3000 W Transil
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com