Electronic Components Datasheet Search |
|
FQB50N06 Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
FQB50N06 Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 9 page May 2001 QFETTM ©2001 Fairchild Semiconductor Corporation Rev. A1. May 2001 FQB50N06L / FQI50N06L 60V LOGIC N-Channel MOSFET General Description These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for low voltage applications such as automotive, DC/ DC converters, and high efficiency switching for power management in portable and battery operated products. Features • 52.4A, 60V, RDS(on) = 0.021Ω @VGS = 10 V • Low gate charge ( typical 24.5 nC) • Low Crss ( typical 90 pF) • Fast switching • 100% avalanche tested • Improved dv/dt capability • 175 °C maximum junction temperature rating ! " ! ! ! " " " ! " ! ! ! " " " Absolute Maximum Ratings T C = 25°C unless otherwise noted Thermal Characteristics Symbol Parameter FQB50N06L / FQI50N06L Units VDSS Drain-Source Voltage 60 V ID Drain Current - Continuous (TC = 25°C) 52.4 A - Continuous (TC = 100°C) 37.1 A IDM Drain Current - Pulsed (Note 1) 210 A VGSS Gate-Source Voltage ± 20 V EAS Single Pulsed Avalanche Energy (Note 2) 990 mJ IAR Avalanche Current (Note 1) 52.4 A EAR Repetitive Avalanche Energy (Note 1) 12.1 mJ dv/dt Peak Diode Recovery dv/dt (Note 3) 7.0 V/ns PD Power Dissipation (TA = 25°C) * 3.75 W Power Dissipation (TC = 25°C) 121 W - Derate above 25°C 0.81 W/°C TJ, TSTG Operating and Storage Temperature Range -55 to +175 °C TL Maximum lead temperature for soldering purposes, 1/8" from case for 5 seconds 300 °C Symbol Parameter Typ Max Units RθJC Thermal Resistance, Junction-to-Case -- 1.24 °C/W RθJA Thermal Resistance, Junction-to-Ambient * -- 40 °C/W RθJA Thermal Resistance, Junction-to-Ambient -- 62.5 °C/W * When mounted on the minimum pad size recommended (PCB Mount) S D G D2-PAK FQB Series I2-PAK FQI Series G S D G S D |
Similar Part No. - FQB50N06 |
|
Similar Description - FQB50N06 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |