Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD22100SR Datasheet(PDF) 11 Page - Analog Devices

Part # AD22100SR
Description  Voltage Output Temperature Sensor with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22100SR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD22100SR Datasheet HTML 4Page - Analog Devices AD22100SR Datasheet HTML 5Page - Analog Devices AD22100SR Datasheet HTML 6Page - Analog Devices AD22100SR Datasheet HTML 7Page - Analog Devices AD22100SR Datasheet HTML 8Page - Analog Devices AD22100SR Datasheet HTML 9Page - Analog Devices AD22100SR Datasheet HTML 10Page - Analog Devices AD22100SR Datasheet HTML 11Page - Analog Devices AD22100SR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD22100
Rev. D | Page 11 of 12
ORDERING GUIDE
Models
Temperature Range
Package Description
Package Outline
AD22100KT
0°C to +100°C
3-Pin Plastic Header Package (TO-92)
T-3
AD22100KR
0°C to +100°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100KR-REEL7
0°C to +100°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100KRZ1
0°C to +100°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100KRZ-REEL71
0°C to +100°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100AT
–40°C to +85°C
3-Pin Plastic Header Package (TO-92)
T-3
AD22100AR
–40°C to +85°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100AR-REEL
–40°C to +85°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100AR-REEL7
–40°C to +85°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100ST
–50°C to +150°C
3-Pin Plastic Header Package (TO-92)
T-3
AD22100SR
–50°C to +150°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100SR-REEL7
–50°C to +150°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100SRZ1
–50°C to +150°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100SRZ-REEL71
–50°C to +150°C
8-Lead Standard Small Outline Package (SOIC)
R-8
AD22100KCHIPS
DIE
1 Z = Pb-free part.


Similar Part No. - AD22100SR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22100SR AD-AD22100SR Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100SR AD-AD22100SR Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100SR AD-AD22100SR Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100SR AD-AD22100SR Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100SR AD-AD22100SR Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
More results

Similar Description - AD22100SR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22103 AD-AD22103_15 Datasheet
431Kb / 6P
   3.3V Supply Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103KTZ AD-AD22103KTZ Datasheet
431Kb / 6P
   33 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103 AD-AD22103 Datasheet
224Kb / 6P
   3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com