Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5204BRU100-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5204BRU100-REEL7
Description  4-/6-Channel Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5204BRU100-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5204BRU100-REEL7 Datasheet HTML 5Page - Analog Devices AD5204BRU100-REEL7 Datasheet HTML 6Page - Analog Devices AD5204BRU100-REEL7 Datasheet HTML 7Page - Analog Devices AD5204BRU100-REEL7 Datasheet HTML 8Page - Analog Devices AD5204BRU100-REEL7 Datasheet HTML 9Page - Analog Devices AD5204BRU100-REEL7 Datasheet HTML 10Page - Analog Devices AD5204BRU100-REEL7 Datasheet HTML 11Page - Analog Devices AD5204BRU100-REEL7 Datasheet HTML 12Page - Analog Devices AD5204BRU100-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD5204/AD5206
Rev. C | Page 9 of 20
A6
1
W6
2
B6
3
GND
4
B4
24
W4
23
A4
22
B2
21
CS
5
VDD 6
SDI
7
W2
20
A2
19
A1
18
CLK
8
W1
17
VSS 9
B1
16
B5 10
A3
15
W5 11
W3
14
A5 12
B3
13
AD5206
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 8. AD5206 SOIC/TSSOP/PDIP Pin Configuration
Table 5. AD5206 Pin Function Descriptions
Pin No.
Name
Description
1
A6
Terminal A RDAC 6.
2
W6
Wiper RDAC 6. Address = 1012.
3
B6
Terminal B RDAC 6.
4
GND
Ground.
5
CS
Chip Select Input (Active Low). When CS returns high, data in the serial input register is decoded based on the
address bits, and then it is loaded into the target RDAC latch.
6
VDD
Positive Power Supply. This pin is specified for operation at both 3 V and 5 V. It is the sum of |VDD| + |VSS| < 5.5 V.
7
SDI
Serial Data Input. Data is input MSB first.
8
CLK
Serial Clock Input. This pin is positive edge triggered.
9
VSS
Negative Power Supply. This pin is specified for operation at both 0 V and −2.7 V. It is the sum of |VDD| + |VSS| < 5.5 V.
10
B5
Terminal B RDAC 5.
11
W5
Wiper RDAC 5. Address = 1002.
12
A5
Terminal A RDAC 5.
13
B3
Terminal B RDAC 3.
14
W3
Wiper RDAC 3. Address = 0102.
15
A3
Terminal A RDAC 3.
16
B1
Terminal B RDAC 1.
17
W1
Wiper RDAC 1. Address = 0002.
18
A1
Terminal A RDAC 1.
19
A2
Terminal A RDAC 2.
20
W2
Wiper RDAC 2. Address = 0012.
21
B2
Terminal B RDAC 2.
22
A4
Terminal A RDAC 4.
23
W4
Wiper RDAC 4. Address = 0112.
24
B4
Terminal B RDAC 4.


Similar Part No. - AD5204BRU100-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5204BRU100 AD-AD5204BRU100 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results

Similar Description - AD5204BRU100-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
AD5204 AD-AD5204_10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com