Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5006 Datasheet(PDF) 2 Page - First Components International

Part # L5006
Description  50.0 Amp LUCAS AUTO PRESSFIT High surge current capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

L5006 Datasheet(HTML) 2 Page - First Components International

  L5006 Datasheet HTML 1Page - First Components International L5006 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES PLFR5002~PLFR5006
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
50
30
20
10
40
10
100
1000
1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
75
125
150
25
100
175
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
100
200
300
400
500
600
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
1000
100
10
20
40
60
80
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=175
oC
TJ=25
oC
Data Sheet
50.0 Amp LUCAS
AUTO PRESSFIT


Similar Part No. - L5006

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
L500 OHMITE-L500 Datasheet
385Kb / 2P
   Flame resistant coating
logo
List of Unclassifed Man...
L5005 ETC2-L5005 Datasheet
70Kb / 2P
   STANDARD AND CUSTOM
More results

Similar Description - L5006

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
PLFR3502 FCI-PLFR3502 Datasheet
459Kb / 2P
   35.0 Amp LUCAS AUTO PRESSFIT High surge current capability
PLFR2502 FCI-PLFR2502 Datasheet
538Kb / 2P
   25.0 Amp LUCAS AUTO PRESSFIT High surge current capability
PLFR5001 FCI-PLFR5001 Datasheet
439Kb / 2P
   50.0 Amp LUCAS AUTO PRESSFIT
PMFR5002 FCI-PMFR5002 Datasheet
559Kb / 2P
   50.0 Amp MOTOROLA TYPE AUTO PRESSFIT High surge current capability
PIFR5002 FCI-PIFR5002 Datasheet
532Kb / 2P
   50.0 Amp INSULATE FLAG TYPE AUTO PRESSFIT High surge current capability
PTFR5002 FCI-PTFR5002 Datasheet
561Kb / 2P
   50.0 Amp TIN CAN AUTO DIODE High surge current capability
PBFR5002 FCI-PBFR5002 Datasheet
569Kb / 2P
   50.0 Amp BOSCH TYPE AUTO PRESSFIT High current capability High reliability
PTYFR5002 FCI-PTYFR5002 Datasheet
574Kb / 2P
   50.0 Amp Y-LEAD TIN CAN AUTO DIODE High surge current capability
PHFR2502 FCI-PHFR2502 Datasheet
549Kb / 2P
   25.0 Amp HITACHI TYPE AUTO PRESSFIT High surge current capability
PMFR2502 FCI-PMFR2502 Datasheet
498Kb / 2P
   25.0 Amp MOTOROLA TYPE AUTO PRESSFIT High surge current capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com