Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB47P06 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FQB47P06
Description  60V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB47P06 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FQB47P06 Datasheet HTML 1Page - Fairchild Semiconductor FQB47P06 Datasheet HTML 2Page - Fairchild Semiconductor FQB47P06 Datasheet HTML 3Page - Fairchild Semiconductor FQB47P06 Datasheet HTML 4Page - Fairchild Semiconductor FQB47P06 Datasheet HTML 5Page - Fairchild Semiconductor FQB47P06 Datasheet HTML 6Page - Fairchild Semiconductor FQB47P06 Datasheet HTML 7Page - Fairchild Semiconductor FQB47P06 Datasheet HTML 8Page - Fairchild Semiconductor FQB47P06 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
FQB47P06/FQI47P06 Rev. A2
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DU T
V DS
+
_
Dr i v e r
R G
C o mp li me n t o f D U T
(N -C h a n n e l)
V GS
• d v / dt c o nt r o l led by R
G
•I
SD c ont r o l l e d by pul s e per i o d
V DD
L
I SD
10 V
V GS
( D r i v e r )
I SD
( D U T )
V DS
( DUT )
V DD
B ody D i od e
F o r w a r d V o lt a ge D r o p
V SD
I
FM , B o dy D i od e F o r w ar d C u r r e nt
B o d y D i o de R e v e r s e C u r r e n t
I RM
B o d y D iode R e c o v e r y dv / d t
di/ d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----
DU T
V DS
+
_
Dr i v e r
R G
C o mp li me n t o f D U T
(N -C h a n n e l)
V GS
• d v / dt c o nt r o l led by R
G
•I
SD c ont r o l l e d by pul s e per i o d
V DD
LL
I SD
10 V
V GS
( D r i v e r )
I SD
( D U T )
V DS
( DUT )
V DD
B ody D i od e
F o r w a r d V o lt a ge D r o p
V SD
I
FM , B o dy D i od e F o r w ar d C u r r e nt
B o d y D i o de R e v e r s e C u r r e n t
I RM
B o d y D iode R e c o v e r y dv / d t
di/ d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----


Similar Part No. - FQB47P06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQB47P06 ISC-FQB47P06 Datasheet
345Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - FQB47P06

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
   60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
   60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
   60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
   60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
   -60V P-Channel MOSFET
AO4441 UMW-AO4441 Datasheet
460Kb / 7P
   -60V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com