Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501930-0100 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 501930-0100
Description  A full cycle ratcheting hand tool ensures complete crimps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

501930-0100 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  501930-0100 Datasheet HTML 1Page - Molex Electronics Ltd. 501930-0100 Datasheet HTML 2Page - Molex Electronics Ltd. 501930-0100 Datasheet HTML 3Page - Molex Electronics Ltd. 501930-0100 Datasheet HTML 4Page - Molex Electronics Ltd. 501930-0100 Datasheet HTML 5Page - Molex Electronics Ltd. 501930-0100 Datasheet HTML 6Page - Molex Electronics Ltd. 501930-0100 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Hand Crimp Tool For 1.25mm (.049") Pitch Crimp Terminals
Doc No: ATS-638194400
Release Date: 10-31-08
UNCONTROLLED COPY
Page 1 of 7
Revision: A
Revision Date: 10-31-08
INSULATION
CRIMP
BRUSH
STRIP
LENGTH
BELL MOUTH
CRIMP HEIGHT
BEND
DOWN
BEND UP
ROLLING
CONDUCTOR
CRIMP
TWISTING
HAND CRIMP TOOL
Specification Sheet
Order No. 63819-4400
FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomic soft grip handles for comfortable crimping
A precision user-friendly terminal locator wire stop holds terminals in the proper crimping position
Right and Left handed applications
This tool is IPC/WHMA A-620 Class 2 compliant
This tool is RoHS compliant, however RoHS compliant is not required
SCOPE
Products: 1.25mm (.049") Pitch Wire-to-Board Crimp Terminal, 26-28 AWG.
1.25mm (.049") Pitch CLIK-Mate™ Wire-to-Board Crimp Terminal, 26-28 AWG.
Insulation Diameter
Terminal Order No.
Wire Size
IPC/WHMA-A620
Terminal
Strip Length
Terminal
Series No.
Loose Piece
Reel
AWG
mm²
mm
In.
mm
In.
mm
In.
501930-0200 501930-0100
501930
501930-1200 501930-1100
26-28 .136-.079 0.80-1.00 .032-.039 0.80-1.00 .031-.039 1.50-1.70 .059-.067
502381-0000
502381
502381-0010
26-28 .136-.079 0.80-1.00 .032-.039 0.80-1.00 .031-.039 1.50-1.70 .059-.067
Customer to cut off terminal from reel: 0.15mm (.006”) maximum Cut-off Tab.
To achieve optimum IPC-A620 Class 2 insulation crimps, use this insulation OD range.
Overall insulation OD specification for terminal.
DEFINITION OF TERMS
The above terminal drawing is a generic terminal representation. It is not an image of a terminal listed in the
scope.
TYPE 4D


Similar Part No. - 501930-0100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
501930-1100 MOLEX11-501930-1100 Datasheet
400Kb / 5P
   1.25mm (.049") Pitch Duo-Clasp Wire-to-Board Crimp Terminal, Reel
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com