Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP170AUJZ-1.2-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP170AUJZ-1.2-R7
Description  300 mA, Low Quiescent Current, CMOS Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP170AUJZ-1.2-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP170AUJZ-1.2-R7 Datasheet HTML 1Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 2Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 3Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 4Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 5Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADP170/ADP171
Rev. B | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Typical Application Circuits............................................................ 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Input and Output Capacitor, Recommended Specifications........4
Absolute Maximum Ratings............................................................ 5
Thermal Data ................................................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ..............................................7
Theory of Operation ...................................................................... 11
Applications Information .............................................................. 12
Capacitor Selection .................................................................... 12
Undervoltage Lockout ............................................................... 13
Enable Feature ............................................................................ 13
Current Limit and Thermal Overload Protection ................. 14
Thermal Considerations............................................................ 14
Printed Circuit Board Layout Considerations ....................... 16
Outline Dimensions ....................................................................... 17
Ordering Guide .......................................................................... 17
REVISION HISTORY
5/10—Rev. A to Rev. B
Changes to Figure 1 and Figure 2................................................... 1
Updated Outline Dimensions ....................................................... 17
Changes to Ordering Guide .......................................................... 17
6/09—Rev. 0 to Rev. A
Changes to Features Section............................................................ 1
Updated Outline Dimensions ....................................................... 17
1/09—Revision 0: Initial Version


Similar Part No. - ADP170AUJZ-1.2-R7

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP170-1.8-EVALZ APEX-ADP170-1.8-EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
logo
Analog Devices
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706-33-EVALZ AD-ADP1706-33-EVALZ Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ACPZ-0.75R7 AD-ADP1706ACPZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results

Similar Description - ADP170AUJZ-1.2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122 AD-ADP122 Datasheet
616Kb / 20P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP124ACPZ-1.8-R7 AD-ADP124ACPZ-1.8-R7 Datasheet
632Kb / 20P
   5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP124 AD-ADP124 Datasheet
676Kb / 20P
   5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. 0
ADP125ACPZ-R7 AD-ADP125ACPZ-R7 Datasheet
632Kb / 20P
   5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com