Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB44N08 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FQB44N08
Description  80V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB44N08 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FQB44N08 Datasheet HTML 1Page - Fairchild Semiconductor FQB44N08 Datasheet HTML 2Page - Fairchild Semiconductor FQB44N08 Datasheet HTML 3Page - Fairchild Semiconductor FQB44N08 Datasheet HTML 4Page - Fairchild Semiconductor FQB44N08 Datasheet HTML 5Page - Fairchild Semiconductor FQB44N08 Datasheet HTML 6Page - Fairchild Semiconductor FQB44N08 Datasheet HTML 7Page - Fairchild Semiconductor FQB44N08 Datasheet HTML 8Page - Fairchild Semiconductor FQB44N08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
©2000 Fairchild Semiconductor International
Rev. A, August 2000
Package Dimensions (Continued)
9.90
±0.20
2.40
±0.20
4.50
±0.20
1.27
±0.10
1.47
±0.10
0.80
±0.10
10.00
±0.20
2.54 TYP
2.54 TYP
1.30
+0.10
–0.05
0.50
+0.10
–0.05
I2PAK


Similar Part No. - FQB44N08

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQB44N08 ISC-FQB44N08 Datasheet
288Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-18
More results

Similar Description - FQB44N08

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
   80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
   80V N-Channel MOSFET
AOD2816 AOSMD-AOD2816 Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
   80V N-Channel MOSFET
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
   80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
   80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
   80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
   80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com