Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9778-EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9778-EB
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9778-EB Datasheet(HTML) 1 Page - Analog Devices

  AD9778-EB Datasheet HTML 1Page - Analog Devices AD9778-EB Datasheet HTML 2Page - Analog Devices AD9778-EB Datasheet HTML 3Page - Analog Devices AD9778-EB Datasheet HTML 4Page - Analog Devices AD9778-EB Datasheet HTML 5Page - Analog Devices AD9778-EB Datasheet HTML 6Page - Analog Devices AD9778-EB Datasheet HTML 7Page - Analog Devices AD9778-EB Datasheet HTML 8Page - Analog Devices AD9778-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Dual 12-/14-/16-Bit,
1 GSPS, Digital-to-Analog Converters
AD9776/AD9778/AD9779
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Low power: 1.0 W @ 1 GSPS, 600 mW @ 500 MSPS,
full operating conditions
SFDR = 78 dBc to fOUT = 100 MHz
Single carrier WCDMA ACLR = 79 dBc @ 80 MHz IF
Analog output: adjustable 8.7 mA to 31.7 mA,
RL = 25 Ω to 50 Ω
Novel 2×, 4×, and 8× interpolator/coarse complex modulator
allows carrier placement anywhere in DAC bandwidth
Auxiliary DACs allow control of external VGA and offset control
Multiple chip synchronization interface
High performance, low noise PLL clock multiplier
Digital inverse sinc filter
100-lead, exposed paddle TQFP package
APPLICATIONS
Wireless infrastructure
WCDMA, CDMA2000, TD-SCDMA, WiMax, GSM
Digital high or low IF synthesis
Internal digital upconversion capability
Transmit diversity
Wideband communications: LMDS/MMDS, point-to-point
GENERAL DESCRIPTION
The AD9776/AD9778/AD9779 are dual, 12-/14-/16-bit, high
dynamic range, digital-to-analog converters (DACs) that pro-
vide a sample rate of 1 GSPS, permitting multicarrier generation
up to the Nyquist frequency. They include features optimized
for direct conversion transmit applications, including complex
digital modulation, and gain and offset compensation. The DAC
outputs are optimized to interface seamlessly with analog quad-
rature modulators such as the AD8349. A serial peripheral interface
(SPI®) provides for programming/readback of many internal
parameters. Full-scale output current can be programmed over a
range of 10 mA to 30 mA. The devices are manufactured on an
advanced 0.18 μm CMOS process and operate on 1.8 V and
3.3 V supplies for a total power consumption of 1.0 W. They are
enclosed in 100-lead TQFP packages.
PRODUCT HIGHLIGHTS
1.
Ultralow noise and intermodulation distortion (IMD)
enable high quality synthesis of wideband signals from
baseband to high intermediate frequencies.
2.
A proprietary DAC output switching technique enhances
dynamic performance.
3.
The current outputs are easily configured for various
single-ended or differential circuit topologies.
4.
CMOS data input interface with adjustable set up and hold.
5.
Novel 2×, 4×, and 8× interpolator/coarse complex
modulator allows carrier placement anywhere in DAC
bandwidth.
TYPICAL SIGNAL CHAIN
FPGA/ASIC/DSP
DC
COMPLEX I AND Q
DC
LO
QUADRATURE
MODULATOR/
MIXER/
AMPLIFIER
I DAC
Q DAC
DIGITAL INTERPOLATION FILTERS
AD9779
POST DAC
ANALOG FILTER
A
Figure 1.


Similar Part No. - AD9778-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9778 AD-AD9778 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD9778 AD-AD9778 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD9778A AD-AD9778A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9778A AD-AD9778A Datasheet
1Mb / 55P
   Digital-to-Analog Converters
AD9778A-EBZ AD-AD9778A-EBZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
More results

Similar Description - AD9778-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9776A AD-AD9776A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9161 AD-AD9161 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com