Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9779BSVZRL1 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9779BSVZRL1
Description  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779BSVZRL1 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9779BSVZRL1 Datasheet HTML 4Page - Analog Devices AD9779BSVZRL1 Datasheet HTML 5Page - Analog Devices AD9779BSVZRL1 Datasheet HTML 6Page - Analog Devices AD9779BSVZRL1 Datasheet HTML 7Page - Analog Devices AD9779BSVZRL1 Datasheet HTML 8Page - Analog Devices AD9779BSVZRL1 Datasheet HTML 9Page - Analog Devices AD9779BSVZRL1 Datasheet HTML 10Page - Analog Devices AD9779BSVZRL1 Datasheet HTML 11Page - Analog Devices AD9779BSVZRL1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 8 of 56
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
With
Respect
To
Rating
AVDD33, DVDD33
AGND,
DGND,
CGND
−0.3 V to +3.6 V
DVDD18, CVDD18
AGND,
DGND,
CGND
−0.3 V to +1.98 V
AGND
DGND,
CGND
−0.3 V to +0.3 V
DGND
AGND,
CGND
−0.3 V to +0.3 V
CGND
AGND,
DGND
−0.3 V to +0.3 V
I120, VREF, IPTAT
AGND
−0.3 V to AVDD33 + 0.3 V
IOUT1-P, IOUT1-N, IOUT2-P,
IOUT2-N, Aux1-P, Aux1-N,
Aux2-P, Aux2-N
AGND
−1.0 V to AVDD33 + 0.3 V
P1D15 to P1D0,
P2D15 to P2D0
DGND
−0.3 V to DVDD33 + 0.3 V
DATACLK, TXENABLE
DGND
−0.3 V to DVDD33 + 0.3 V
CLK+, CLK−
CGND
−0.3 V to CVDD18 + 0.3 V
RESET, IRQ, PLL_LOCK,
SYNC_O+, SYNC_O−,
SYNC_I+, SYNC_I−,
CSB, SCLK, SDIO, SDO
DGND
−0.3 V to DVDD33 + 0.3 V
Junction Temperature
+125°C
Storage Temperature
Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
100-lead, thermally enhanced TQFP_EP package, θJA = 19.1°C/W
with the bottom EPAD soldered to the PCB. With the bottom
EPAD not soldered to the PCB, θJA = 27.4°C/W. These
specifications are valid with no airflow movement.
ESD CAUTION


Similar Part No. - AD9779BSVZRL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
More results

Similar Description - AD9779BSVZRL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9776A AD-AD9776A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9161 AD-AD9161 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com