Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7887ARZ-REEL72 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7887ARZ-REEL72
Description  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887ARZ-REEL72 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7887ARZ-REEL72 Datasheet HTML 4Page - Analog Devices AD7887ARZ-REEL72 Datasheet HTML 5Page - Analog Devices AD7887ARZ-REEL72 Datasheet HTML 6Page - Analog Devices AD7887ARZ-REEL72 Datasheet HTML 7Page - Analog Devices AD7887ARZ-REEL72 Datasheet HTML 8Page - Analog Devices AD7887ARZ-REEL72 Datasheet HTML 9Page - Analog Devices AD7887ARZ-REEL72 Datasheet HTML 10Page - Analog Devices AD7887ARZ-REEL72 Datasheet HTML 11Page - Analog Devices AD7887ARZ-REEL72 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7887
Rev. D | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–110
0
–10
–30
–50
–70
–90
4096 POINT FFT
SAMPLING
125kSPS
fIN = 10kHz
SNR = 71dB
INPUT FREQUENCY (kHz)
–93
2.65
64.15
12.85
VDD = 5.5V/2.7V
100mV p-p SINE WAVE ON VDD
REFIN = 2.488V EXT REFERENCE
23.15
33.65
–91
–89
–87
–85
–83
–81
–79
–77
–75
43.85
54.35
Figure 5. Dynamic Performance
Figure 7. PSRR vs. Frequency
INPUT FREQUENCY (kHz)
71.0
0.15
42.14
73.0
72.5
72.0
71.5
31.59
10.89
VDD = 5V
5V EXT REFERENCE
21.14
Figure 6. SNR vs. Input Frequency


Similar Part No. - AD7887ARZ-REEL72

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7887ARZ-REEL7 AD-AD7887ARZ-REEL7 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
More results

Similar Description - AD7887ARZ-REEL72

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com