Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7864ASZ-3REEL2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7864ASZ-3REEL2
Description  4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7864ASZ-3REEL2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7864ASZ-3REEL2 Datasheet HTML 2Page - Analog Devices AD7864ASZ-3REEL2 Datasheet HTML 3Page - Analog Devices AD7864ASZ-3REEL2 Datasheet HTML 4Page - Analog Devices AD7864ASZ-3REEL2 Datasheet HTML 5Page - Analog Devices AD7864ASZ-3REEL2 Datasheet HTML 6Page - Analog Devices AD7864ASZ-3REEL2 Datasheet HTML 7Page - Analog Devices AD7864ASZ-3REEL2 Datasheet HTML 8Page - Analog Devices AD7864ASZ-3REEL2 Datasheet HTML 9Page - Analog Devices AD7864ASZ-3REEL2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7864
Rev. D | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD to AGND
−0.3 V to +7 V
DVDD to DGND
−0.3 V to +7 V
AGND to DGND
−0.3 V to +0.3 V
AVDD to DVDD
−0.3 V to +0.3 V
Analog Input Voltage to AGND
AD7864-1 (±10 V Input Range)
±20 V
AD7864-1 (±5 V Input Range)
−7 V to +20 V
AD7864-3
−7 V to +20 V
AD7864-2
−1 V to +20 V
Reference Input Voltage to AGND
−0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VDD + 0.3 V
VDRIVE to AGND
−0.3 V to AVDD + 0.3 V
VDRIVE to DGND
−0.3 V to DVDD + 0.3 V
Operating Temperature Range
Commercial (A and B Versions)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
MQFP Package, Power Dissipation
450 mW
θJA Thermal Impedance
95°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD7864ASZ-3REEL2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7864ASZ-3REEL AD-AD7864ASZ-3REEL Datasheet
673Kb / 29P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
More results

Similar Description - AD7864ASZ-3REEL2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7864 AD-AD7864 Datasheet
214Kb / 19P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. A
AD7864 AD-AD7864_15 Datasheet
760Kb / 28P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
AD7864 AD-AD7864_17 Datasheet
673Kb / 29P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
logo
Linear Technology
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com