Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7942BRM Datasheet(PDF) 7 Page - Analog Devices

Part # AD7942BRM
Description  14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942BRM Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7942BRM Datasheet HTML 3Page - Analog Devices AD7942BRM Datasheet HTML 4Page - Analog Devices AD7942BRM Datasheet HTML 5Page - Analog Devices AD7942BRM Datasheet HTML 6Page - Analog Devices AD7942BRM Datasheet HTML 7Page - Analog Devices AD7942BRM Datasheet HTML 8Page - Analog Devices AD7942BRM Datasheet HTML 9Page - Analog Devices AD7942BRM Datasheet HTML 10Page - Analog Devices AD7942BRM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD7942
Rev. B | Page 7 of
24
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Analog Inputs
IN+1, IN−1
GND − 0.3 V to VDD + 0.3 V
or ±130 mA
REF
GND − 0.3 V to VDD + 0.3 V
Supply Voltages
VDD and VIO to GND
−0.3 V to +7 V
VDD to VIO
±7 V
Digital Inputs to GND
−0.3 V to VIO + 0.3 V
Digital Outputs to GND
−0.3 V to VIO + 0.3 V
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
10-Lead MSOP
200°C/W
10-Lead QFN (LFCSP_WD)
48.7°C/W
θJC Thermal Impedance
10-Lead MSOP
44°C/W
10-Lead QFN (LFCSP_WD)
2.96°C/W
Lead Temperature
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1 See the Analog Input section.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD7942BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7942BRMZ AD-AD7942BRMZ Datasheet
463Kb / 25P
   Pseudo Differential ADC in MSOP/LFCSP
AD7942BRMZ-RL7 AD-AD7942BRMZ-RL7 Datasheet
463Kb / 25P
   Pseudo Differential ADC in MSOP/LFCSP
More results

Similar Description - AD7942BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7691 AD-AD7691 Datasheet
898Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
REV. 0
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com