Electronic Components Datasheet Search |
|
AD7694BRM Datasheet(PDF) 8 Page - Analog Devices |
|
AD7694BRM Datasheet(HTML) 8 Page - Analog Devices |
8 / 16 page AD7694 Rev. A | Page 8 of 16 TERMINOLOGY Integral Nonlinearity Error (INL) Linearity error refers to the deviation of each individual code from a line drawn from negative full scale to positive full scale. The point used as negative full scale occurs ½ LSB before the first code transition. Positive full scale is defined as a level 1 ½ LSB beyond the last code transition. The deviation is measured from the middle of each code to the true straight line (see Figure 19). Differential Nonlinearity Error (DNL) In an ideal ADC, code transitions are 1 LSB apart. DNL is the maximum deviation from this ideal value. It is often specified in terms of resolution for which no missing codes are guaranteed. Offset Error The first transition should occur at a level ½ LSB above analog ground (38.1 μV for the 0 V to 5 V range). The offset error is the deviation of the actual transition from that point. Gain Error The last transition (from 111...10 to 111...11) should occur for an analog voltage 1 ½ LSB below the nominal full scale (4.999886 V for the 0 V to 5 V range). The gain error is the deviation of the actual level of the last transition from the ideal level after the offset has been adjusted out. Spurious-Free Dynamic Range (SFDR) The difference, in decibels (dB), between the rms amplitude of the input signal and the peak spurious signal. Effective Number of Bits (ENOB) ENOB is a measurement of the resolution with a sine wave input. It is related to S/(N + D) by ENOB = (S/[N + D]dB − 1.76)/6.02 and is expressed in bits. Total Harmonic Distortion (THD) THD is the ratio of the rms sum of the first five harmonic components to the rms value of a full-scale input signal and is expressed in dB. Signal-to-Noise Ratio (SNR) SNR is the ratio of the rms value of the actual input signal to the rms sum of all other spectral components below the Nyquist frequency, excluding harmonics and dc. The value for SNR is expressed in dB. Signal-to-(Noise + Distortion) Ratio (S/[N + D]) S/(N+D) is the ratio of the rms value of the actual input signal to the rms sum of all other spectral components below the Nyquist frequency, including harmonics but excluding dc. The value for S/(N+D) is expressed in dB. Aperture Delay Aperture delay is a measure of the acquisition performance and the time between the rising edge of the CNV input and the time the input signal is held for conversion. Transient Response The time required for the ADC to accurately acquire its input after a full-scale step function is applied. |
Similar Part No. - AD7694BRM |
|
Similar Description - AD7694BRM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |