Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D55342 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # D55342
Description  QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D55342 Datasheet(HTML) 2 Page - Vishay Siliconix

  D55342 Datasheet HTML 1Page - Vishay Siliconix D55342 Datasheet HTML 2Page - Vishay Siliconix D55342 Datasheet HTML 3Page - Vishay Siliconix D55342 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E/H (Military M/D55342)
www.vishay.com
Vishay Dale Thin Film
Revision: 13-Mar-13
68
Document Number: 60018
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
CASE SIZE
TERM.
L
W
T
D
E
M55342/01
B
0.055 ± 0.006
0.025 ± 0.005
0.010 to 0.030
0.010 ± 0.005
0.015 ± 0.005
M55342/02
B
0.055 ± 0.006
0.050 ± 0.005
0.012 to 0.033
0.010 ± 0.005
0.015 ± 0.005
M55342/03
B
0.105 ± 0.007
0.050 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
M55342/04
B
0.155 ± 0.007
0.050 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
M55342/05
B
0.230 ± 0.007
0.075 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
M55342/06
B
0.080 ± 0.006
0.050 ± 0.005
0.015 to 0.033
0.016 ± 0.008
0.015 ± 0.005
D55342/07
B
0.126 ± 0.008
0.063 ± 0.005
0.015 to 0.033
0.020 + 0.005/- 0.010 0.020 + 0.005/- 0.010
M55342/08
B
0.209 + 0.009/- 0.018
0.098 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
M55342/09
B
0.259 + 0.009/- 0.015
0.124 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
M55342/10
B
0.105 ± 0.007
0.100 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
M55342/11
B
0.040 ± 0.005
0.025 ± 0.005
0.010 to 0.030
0.010 ± 0.005
0.015 ± 0.005
M55342/12
B
0.064 ± 0.006
0.032 ± 0.005
0.010 to 0.033
0.012 ± 0.005
0.015 ± 0.005
ENVIRONMENTAL TESTS
ENVIRONMENTAL TEST
MIL-PRF-55342 LIMITS
(
R ±)
VISHAY PERFORMANCE
(
R ±)
Thermal Shock
0.1 %
0.020 %
Low Temperature Operation
0.1 %
0.025 %
Short Time Overload
0.1 %
0.050 %
High Temperature Exposure
0.1 %
0.009 %
Resistance to Bonding
0.2 %
0.006 %
Moisture Resistance
0.2 %
0.004 %
TCR
± 25 ppm/°C
< 15 ppm/°C
Life (2000 h at + 70 °C)
0.5 %
0.02 %
Life (10 000 h at + 70 °C)
2.0 %
0.04 %
D
W
L
T
E
MECHANICAL SPECIFICATIONS
Resistive Element
Tamelox
Substrate Material
Alumina
Chip Terminations
Solder over nickel
Fused Solder
Plated solder 90/10
FSCM CAGE # - 57489


Similar Part No. - D55342

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D55342 VISHAY-D55342 Datasheet
62Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Surface Mount Chip
Revision: 28-Jul-10
D55342/07 VISHAY-D55342/07 Datasheet
123Kb / 2P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision 08-Oct-04
logo
IRC - a TT electronics ...
D55342E04B1E00C IRCTT-D55342E04B1E00C Datasheet
302Kb / 3P
   Precision Military Qualified Chip Resistors
D55342E04B1E00M IRCTT-D55342E04B1E00M Datasheet
302Kb / 3P
   Precision Military Qualified Chip Resistors
D55342E04B1E00P IRCTT-D55342E04B1E00P Datasheet
302Kb / 3P
   Precision Military Qualified Chip Resistors
More results

Similar Description - D55342

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D55342E07B271BRT5 VISHAY-D55342E07B271BRT5 Datasheet
87Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-13
EH VISHAY-EH Datasheet
90Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
Revision: 04-Nov-14
M55342 VISHAY-M55342_10 Datasheet
62Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Surface Mount Chip
Revision: 28-Jul-10
M55342 VISHAY-M55342 Datasheet
123Kb / 2P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision 08-Oct-04
M55342E01B1C100MBSV VISHAY-M55342E01B1C100MBSV Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
RCWPM VISHAY-RCWPM_15 Datasheet
372Kb / 5P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 15-Oct-15
M55342K06B15E0RS3 VISHAY-M55342K06B15E0RS3 Datasheet
109Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 22-Nov-12
RCWPM VISHAY-RCWPM Datasheet
92Kb / 2P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 15-Oct-15
RCWPM-07 VISHAY-RCWPM-07 Datasheet
59Kb / 3P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 30-Aug-06
RCWPM VISHAY-RCWPM_08 Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com