Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5544BRSZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD5544BRSZ
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544BRSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5544BRSZ Datasheet HTML 3Page - Analog Devices AD5544BRSZ Datasheet HTML 4Page - Analog Devices AD5544BRSZ Datasheet HTML 5Page - Analog Devices AD5544BRSZ Datasheet HTML 6Page - Analog Devices AD5544BRSZ Datasheet HTML 7Page - Analog Devices AD5544BRSZ Datasheet HTML 8Page - Analog Devices AD5544BRSZ Datasheet HTML 9Page - Analog Devices AD5544BRSZ Datasheet HTML 10Page - Analog Devices AD5544BRSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD5544/AD5554
Rev. G | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD to GND
−0.3 V, +8 V
VSS to GND
+0.3 V, −7 V
VREFx to GND
−18 V, +18 V
Logic Input and Output to GND
−0.3 V, +8 V
V(IOUTx) to GND
−0.3 V, VDD + 0.3 V
AGNDx to DGND
−0.3 V, +0.3 V
Input Current to Any Pin Except Supplies
±50 mA
Package Power Dissipation
(TJ max − TA)/θJA
Thermal Resistance
θJA
28-Lead SSOP
100°C/W
32-Lead LFCSP
32.5°C/W
Maximum Junction Temperature (TJ Max)
150°C
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
Vapor Phase, 60 Sec
215°C
Infrared, 15 Sec
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
ESD CAUTION


Similar Part No. - AD5544BRSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5544BRSZ AD-AD5544BRSZ Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544BRSZ AD-AD5544BRSZ Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5544BRSZ-REEL7 AD-AD5544BRSZ-REEL7 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544BRSZ-REEL7 AD-AD5544BRSZ-REEL7 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
More results

Similar Description - AD5544BRSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_04 Datasheet
909Kb / 20P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5545 AD-AD5545 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com