Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5543BRM-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5543BRM-REEL7
Description  Current Output/Serial Input, 16-/14-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5543BRM-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5543BRM-REEL7 Datasheet HTML 4Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 5Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 6Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 7Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 8Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 9Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 10Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 11Page - Analog Devices AD5543BRM-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5543/AD5553
Data Sheet
Rev. F | Page 8 of 20
CLOCK FREQUENCY (Hz)
3.0
2.5
0
100M
10k
100k
1M
10M
2.0
1.5
1.0
0.5
0xFFFF
0x0000
0x8000
0x5555
Figure 13. AD5543 Supply Current vs. Clock Frequency
FREQUENCY (Hz)
90
80
30
10k
1M
70
60
50
40
20
10
0
1k
100
10
VDD = 5V ± 10%
VREF = 10V
100k
Figure 14. Power Supply Rejection Ratio (PSRR) vs. Frequency
20
–160
–140
–120
–100
–80
–60
–40
–20
0
0
25
20
15
10
5
FREQUENCY (kHz)
Figure 15. AD5543/AD5553 Analog THD
5V
A2
–5V
67.72µs
DLY
2V
136ns
Figure 16. Settling Time
–3.65
–3.70
–3.75
–3.80
–3.85
–3.90
–3.95
–4.05
–4.00
–20
–10
0
10
20
30
40
TIME (ns)
Figure 17. Midscale Transition and Digital Feedthrough


Similar Part No. - AD5543BRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5543BRM AD-AD5543BRM Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
More results

Similar Description - AD5543BRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_04 Datasheet
909Kb / 20P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com