Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5541JR Datasheet(PDF) 8 Page - Analog Devices

Part # AD5541JR
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541JR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5541JR Datasheet HTML 4Page - Analog Devices AD5541JR Datasheet HTML 5Page - Analog Devices AD5541JR Datasheet HTML 6Page - Analog Devices AD5541JR Datasheet HTML 7Page - Analog Devices AD5541JR Datasheet HTML 8Page - Analog Devices AD5541JR Datasheet HTML 9Page - Analog Devices AD5541JR Datasheet HTML 10Page - Analog Devices AD5541JR Datasheet HTML 11Page - Analog Devices AD5541JR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5541/AD5542
Data Sheet
Rev. F | Page 8 of 20
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–40
25
85
TEMPERATURE (°C)
VDD = 5V
VREF = 2.5V
TA = 25°C
Figure 12. Gain Error vs. Temperature
132
116
118
120
122
124
126
128
130
–40
25
85
TEMPERATURE (°C)
VDD = 5V
VREF = 2.5V
TA = 25°C
Figure 13. Supply Current vs. Temperature
200
0
20
40
60
80
100
120
140
160
180
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
DIGITAL INPUT VOLTAGE (V)
Figure 14. Supply Current vs. Digital Input Voltage
0.15
–0.15
–0.10
–0.05
0
0.05
0.10
–40
25
85
TEMPERATURE (°C)
VDD = 5V
VREF = 2.5V
TA = 25°C
Figure 15. Zero-Code Error vs. Temperature
0
0.5
1.0
1.5
2.0
012
3456
VOLTAGE (V)
REFERENCE VOLTAGE
VDD = 5V
SUPPLY VOLTAGE
VREF = 2.5V
TA = 25°C
Figure 16. Supply Current vs. Reference Voltage or Supply Voltage
200
150
100
50
0
0
70,000
60,000
50,000
40,000
30,000
20,000
10,000
CODE (Decimal)
VDD = 5V
VREF = 2.5V
TA = 25°C
Figure 17. Reference Current vs. Code


Similar Part No. - AD5541JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5541JR AD-AD5541JR Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
More results

Similar Description - AD5541JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5541A AD-AD5541A Datasheet
1Mb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com