Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-24-4745 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 15-24-4745
Description  5.08mm Pitch Disk Drive Power Connection System Header, Vertical, Through Hole, 4 Circuits, Lead-Free, 3.58mm PC Tail Length, without PCB Locator Peg
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

15-24-4745 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  15-24-4745 Datasheet HTML 1Page - Molex Electronics Ltd. 15-24-4745 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
6.5A
Voltage - Maximum
250V AC
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
265
Material Info
Old Part Number
A-8981-4V5-LF
Reference - Drawing Numbers
Sales Drawing
SD-8981-4V5
This document was generated on 06/03/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 15-24-4745

ManufacturerPart #DatasheetDescription
logo
MolexKits
15-24-4745 MOLEXKITS-15-24-4745 Datasheet
38Kb / 2P
   PCB Vertical Header and Receptacle
logo
Molex Electronics Ltd.
15-24-4745 MOLEX1-15-24-4745 Datasheet
101Kb / 3P
   5.08mm (.200") Pitch Disk Drive Power Connection System Header, Vertical, Through Hole, 4 Circuits, Lead-free, 3.58mm (.141") PC Tail Length, without PCB Locator Peg
More results

Similar Description - 15-24-4745

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015244745 MOLEX1-0015244745 Datasheet
101Kb / 3P
   5.08mm (.200") Pitch Disk Drive Power Connection System Header, Vertical, Through Hole, 4 Circuits, Lead-free, 3.58mm (.141") PC Tail Length, without PCB Locator Peg
0015244744 MOLEX1-0015244744 Datasheet
115Kb / 3P
   5.08mm (.200") Pitch Disk Drive Power Connection System Header, Vertical, Through Hole, 4 Circuits, Lead-free, 3.58mm (.141") PC Tail Length, with PCB Locator Peg
0015244557 MOLEX1-0015244557 Datasheet
105Kb / 3P
   5.08mm (.200") Pitch Disk Drive Power Connection System Header, Vertical, Through Hole, 4 Circuits, Lead-free, 2.12mm (.083") PC Tail Length, without PCB Locator Peg
0015244742 MOLEX1-0015244742 Datasheet
109Kb / 3P
   5.08mm (.200") Pitch Disk Drive Power Connection System Header, Vertical, Through Hole, 4 Circuits, Lead-free, 2.12mm (.083") PC Tail Length, with PCB Locator Peg
0015244449 MOLEX1-0015244449 Datasheet
103Kb / 3P
   5.08mm (.200") Pitch Disk Drive Power Connection System Header, Vertical, ThroughHole, 4 Circuits, Lead-free, 3.60mm (.140") PC Tail Length, without PCB Locator Peg
15-24-4441 MOLEX-15-24-4441 Datasheet
43Kb / 3P
   5.08mm Pitch Disk Drive Power Connection System Header, Right Angle, Through Hole, 4 Circuits, Lead-Free, 3.56mm PC Tail Length, with PCB Locator Peg
0015244441 MOLEX1-0015244441 Datasheet
120Kb / 3P
   5.08mm (.200") Pitch Disk Drive Power Connection System Header, Right Angle, Through Hole, 4 Circuits, Lead-free, 3.56mm (.140") PC Tail Length
0015244455 MOLEX1-0015244455 Datasheet
108Kb / 3P
   5.08mm (.200") Pitch Disk Drive Power Connection System Header, Straddle Mount, Right Angle, 4 Circuits, Lead-free, without PCB Locator Peg, Black Housing
15-24-4449 MOLEX11-15-24-4449 Datasheet
35Kb / 2P
   5.08mm Pitch Disk Drive Power Connection System Header, Vertical, Through Hole, 4
15-24-4557 MOLEX11-15-24-4557 Datasheet
36Kb / 2P
   5.08mm Pitch Disk Drive Power Connection System Header, Vertical, Through Hole, 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com