Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5361BCPZ-REEL71 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5361BCPZ-REEL71
Description  16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5361BCPZ-REEL71 Datasheet(HTML) 1 Page - Analog Devices

  AD5361BCPZ-REEL71 Datasheet HTML 1Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 2Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 3Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 4Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 5Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 6Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 7Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 8Page - Analog Devices AD5361BCPZ-REEL71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
16-Channel, 16-/14-Bit,
Serial Input, Voltage-Output DAC
AD5360/AD5361
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2008 Analog Devices, Inc. All rights reserved.
FEATURES
16-channel DAC in 52-lead LQFP and 56-lead LFCSP
packages
Guaranteed monotonic to 16/14 bits
Nominal output voltage range of −10 V to +10 V
Multiple output spans available
Temperature monitoring function
Channel monitoring multiplexer
GPIO function
System calibration function allowing user-programmable
offset and gain
Channel grouping and addressing features
Data error checking feature
SPI-compatible serial interface
2.5 V to 5.5 V digital interface
Digital reset (RESET)
Clear function to user-defined SIGGNDx
Simultaneous update of DAC outputs
APPLICATIONS
Instrumentation
Industrial control systems
Level setting in automatic test equipment (ATE)
Variable optical attenuators (VOA)
Optical line cards
FUNCTIONAL BLOCK DIAGRAM
n
SERIAL
INTERFACE
8
6
n
n
8
8
14
n
n
n
··
··
·
··
··
··
··
··
··
··
··
··
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
n
8
8
14
14
··
··
··
··
··
··
··
··
··
··
··
··
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
n
n
n
n
n
n
n
n
SDI
SCLK
SDO
SYNC
BUSY
RESET
CLR
STATE
MACHINE
CONTROL
REGISTER
GPIO
REGISTER
GPIO
MON_OUT
MON_IN1
MON_IN0
PEC
TEMP_OUT
BIN/2SCOMP
TEMP
SENSOR
AD5360/
AD5361
A/B SELECT
REGISTER
n = 16 FOR AD5360
n = 14 FOR AD5361
·
A/B SELECT
REGISTER
X1 REGISTER
M REGISTER
C REGISTER
TO
MUX 2s
TO
MUX 2s
A/B
MUX
MUX
2
DAC 7
REGISTER
DAC 0
REGISTER
OFS1
REGISTER
DAC 0
REGISTER
OFS0
REGISTER
DAC 7
REGISTER
X2A REGISTER
X2B REGISTER
OFFSET
DAC 0
DAC 0
DAC 7
OFFSET
DAC 1
DAC 0
DAC 7
BUFFER
BUFFER
BUFFER
GROUP 0
GROUP 1
OUTPUT BUFFER
AND POWER-
DOWN CONTROL
OUTPUT BUFFER
AND POWER-
DOWN CONTROL
OUTPUT BUFFER
AND POWER-
DOWN CONTROL
OUTPUT BUFFER
AND POWER-
DOWN CONTROL
VREF0
VOUT0
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VOUT8
VOUT9
VOUT10
VOUT11
VOUT12
VOUT13
VOUT14
VOUT15
VOUT7
SIGGND0
SIGGND1
VREF1
n
n
n
n
n
n
n
X1 REGISTER
M REGISTER
C REGISTER
A/B
MUX
MUX
2
X2A REGISTER
X2B REGISTER
DVCC
VDD
VSS AGND DGND
LDAC
n
n
n
n
n
n
n
n
X1 REGISTER
M REGISTER
C REGISTER
A/B
MUX
MUX
2
X2A REGISTER
X2B REGISTER
n
n
n
n
2
n
n
n
n
X1 REGISTER
M REGISTER
C REGISTER
A/B
MUX
MUX
2
X2A REGISTER
X2B REGISTER
MUX
VOUT0 TO
VOUT15
Figure 1.


Similar Part No. - AD5361BCPZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results

Similar Description - AD5361BCPZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5362 AD-AD5362 Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5362 AD-AD5362_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com