Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQI2N30 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FQI2N30
Description  300V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQI2N30 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FQI2N30 Datasheet HTML 1Page - Fairchild Semiconductor FQI2N30 Datasheet HTML 2Page - Fairchild Semiconductor FQI2N30 Datasheet HTML 3Page - Fairchild Semiconductor FQI2N30 Datasheet HTML 4Page - Fairchild Semiconductor FQI2N30 Datasheet HTML 5Page - Fairchild Semiconductor FQI2N30 Datasheet HTML 6Page - Fairchild Semiconductor FQI2N30 Datasheet HTML 7Page - Fairchild Semiconductor FQI2N30 Datasheet HTML 8Page - Fairchild Semiconductor FQI2N30 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
  

    
9.90
±0.20
2.40
±0.20
4.50
±0.20
1.27
±0.10
1.47
±0.10
0.80
±0.10
10.00
±0.20
2.54 TYP
2.54 TYP
1.30
+0.10
–0.05
0.50
+0.10
–0.05



Similar Part No. - FQI2N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQI2N50 FAIRCHILD-FQI2N50 Datasheet
732Kb / 9P
   500V N-Channel MOSFET
FQI2N60 FAIRCHILD-FQI2N60 Datasheet
580Kb / 9P
   600V N-Channel MOSFET
FQI2N80 FAIRCHILD-FQI2N80 Datasheet
659Kb / 9P
   800V N-Channel MOSFET
FQI2N90 FAIRCHILD-FQI2N90 Datasheet
759Kb / 9P
   900V N-Channel MOSFET
FQI2N90 FAIRCHILD-FQI2N90 Datasheet
765Kb / 9P
   900V N-Channel MOSFET
More results

Similar Description - FQI2N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
   300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
   300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQP3N30 FAIRCHILD-FQP3N30 Datasheet
708Kb / 8P
   300V N-Channel MOSFET
FQA26N30 FAIRCHILD-FQA26N30 Datasheet
702Kb / 8P
   300V N-Channel MOSFET
FQA44N30 FAIRCHILD-FQA44N30 Datasheet
745Kb / 8P
   300V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com