Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4230DY-T1-GE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4230DY-T1-GE3
Description  Dual N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4230DY-T1-GE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4230DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4230DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4230DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4230DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4230DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4230DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4230DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4230DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4230DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4230DY
Document Number: 68983
S-82660-Rev. A, 03-Nov-08
www.vishay.com
1
Dual N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free
•TrenchFET® Power MOSFET
100 % Rg and UIS Tested
APPLICATIONS
Low Current DC/DC
Notebook PC
- System Power
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 110 °C/W.
e. Package limited.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a, e
Qg (Typ.)
30
0.0205 at VGS = 10 V
8
7.3
0.026 at VGS = 4.5 V
8
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4230DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
D1
G1
S1
N-Channel MOSFET
D2
G2
S2
N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
8e
A
TC = 70 °C
7.5
TA = 25 °C
7.3b, c
TA = 70 °C
5.8b, c
Pulsed Drain Current (10 µs Pulse Width)
IDM
30
Source-Drain Current Diode Current
TC = 25 °C
IS
2.6
TA = 25 °C
1.7b, c
Pulsed Source-Drain Current
ISM
30
Single Pulse Avalanche Current
L = 0.1 mH
IAS
10
Single Pulse Avalanche Energy
EAS
5
mJ
Maximum Power Dissipation
TC = 25 °C
PD
3.2
W
TC = 70 °C
2.1
TA = 25 °C
2b, c
TA = 70 °C
1.28b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
50
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
38


Similar Part No. - SI4230DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4230DY VISHAY-SI4230DY Datasheet
120Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4230DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com