Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5320BRT-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5320BRT-REEL7
Description  2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5320BRT-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5320BRT-REEL7 Datasheet HTML 6Page - Analog Devices AD5320BRT-REEL7 Datasheet HTML 7Page - Analog Devices AD5320BRT-REEL7 Datasheet HTML 8Page - Analog Devices AD5320BRT-REEL7 Datasheet HTML 9Page - Analog Devices AD5320BRT-REEL7 Datasheet HTML 10Page - Analog Devices AD5320BRT-REEL7 Datasheet HTML 11Page - Analog Devices AD5320BRT-REEL7 Datasheet HTML 12Page - Analog Devices AD5320BRT-REEL7 Datasheet HTML 13Page - Analog Devices AD5320BRT-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5320
Rev. C | Page 10 of 20
TA = 25°C
VDD = 5V
VLOGIC (V)
800
600
400
200
0
05
4
3
2
1
VDD = 3V
Figure 17. Supply Current vs. Logic Input Voltage
VOUT
CLK
CH1 1V, CH2 5V, TIME BASE = 1µs/DIV
CH2
CH1
VDD = 5V
FULL-SCALE CODE CHANGE
000 HEX – FFF HEX
TA = 25°C
OUTPUT LOADED WITH
2kΩ AND 200pF TO GND
Figure 18. Full-Scale Settling Time
VOUT
CLK
CH1 1V, CH2 5V, TIME BASE = 1µs/DIV
CH1
CH2
VDD = 5V
HALF-SCALE CODE CHANGE
400 HEX – C00 HEX
TA = 25°C
OUTPUT LOADED WITH
2kΩ AND 200pF TO GND
Figure 19. Half-Scale Settling Time
CH1
CH2
CH1 1V, CH 2 1V, TIME BASE = 20µs/DIV
2kΩ LOAD TO VDD
VDD
VOUT
Figure 20. Power-On Reset to 0 V
CH1 1V, CH2 5V, TIME BASE = 5µs/DIV
CH2
CH1
CLK
VOUT
VDD = 5V
Figure 21. Exiting Power-Down (800 Hex Loaded)
LOADED WITH 2kΩ
AND 200pF TO GND
CODE CHANGE:
800 HEX TO 7FF HEX
500ns/DIV
2.54
2.52
2.50
2.48
2.46
2.56
Figure 22. Digital-to-Analog Glitch Impulse


Similar Part No. - AD5320BRT-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5320BRT AD-AD5320BRT Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
More results

Similar Description - AD5320BRT-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310 Datasheet
164Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. A
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com