Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-102974-0 Datasheet(PDF) 26 Page - Tyco Electronics

Part # 1-102974-0
Description  AMPMODU Interconnection System
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-102974-0 Datasheet(HTML) 26 Page - Tyco Electronics

Back Button 1-102974-0 Datasheet HTML 22Page - Tyco Electronics 1-102974-0 Datasheet HTML 23Page - Tyco Electronics 1-102974-0 Datasheet HTML 24Page - Tyco Electronics 1-102974-0 Datasheet HTML 25Page - Tyco Electronics 1-102974-0 Datasheet HTML 26Page - Tyco Electronics 1-102974-0 Datasheet HTML 27Page - Tyco Electronics 1-102974-0 Datasheet HTML 28Page - Tyco Electronics 1-102974-0 Datasheet HTML 29Page - Tyco Electronics 1-102974-0 Datasheet HTML 30Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 321 page
background image
26
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
3
Thru-Hole Headers––Shrouded, .050 x .100 [1.27 x 2.54] Centerline,
Board-to-Board
Product Facts
I
High density; contacts
spaced on .050 x .100
[1.27 x 2.54] centers
I
Single row; select sizes 4
thru 50 positions
I
Double row; select sizes 10
thru 100 positions
I
Stand-offs for ease of
cleaning
I
High temperature tolerant
thermoplastic housings
I
Shrouded and unshrouded
headers available in single
and double row, vertical
and right-angle
configurations
The AMPMODU System 50
interconnection system is
designed to better meet
industry’s need for a high
density interconnect
system. The Board
Mounted Thru-Hole
Headers are available in
shrouded and unshrouded
versions. They are
composed of single and
double row post headers
with .050 x .100
[1.27 x 2.54] spacing
between contacts for
extreme density and
efficient use of printed
circuit board area. The
headers are available in
4 through 50 positions, in
a single row configuration,
and 10 through 100
positions, in a double row
design.
Board mounted post
headers are available in
right-angle and vertical
configurations. Shrouded
post headers provide
polarization and alignment
features for mating printed
circuit boards and cable
connectors, while
unshrouded headers allow
close stacking of daughter
cards. Housings for the
headers are made of black
thermoplastic material with
a 94V-0 rating. The
housings have stand-offs
for free drainage of flux
cleaning solutions.
AMPMODU Interconnection System


Similar Part No. - 1-102974-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-102976-0 MACOM-1-102976-0 Datasheet
125Kb / 1P
   HEADER ASSY, MOD II
1-102976-0 MACOM-1-102976-0 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-1 MACOM-1-102976-1 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-3 MACOM-1-102976-3 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-4 MACOM-1-102976-4 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
More results

Similar Description - 1-102974-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com