Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-102974-0 Datasheet(PDF) 83 Page - Tyco Electronics

Part # 1-102974-0
Description  AMPMODU Interconnection System
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-102974-0 Datasheet(HTML) 83 Page - Tyco Electronics

Back Button 1-102974-0 Datasheet HTML 79Page - Tyco Electronics 1-102974-0 Datasheet HTML 80Page - Tyco Electronics 1-102974-0 Datasheet HTML 81Page - Tyco Electronics 1-102974-0 Datasheet HTML 82Page - Tyco Electronics 1-102974-0 Datasheet HTML 83Page - Tyco Electronics 1-102974-0 Datasheet HTML 84Page - Tyco Electronics 1-102974-0 Datasheet HTML 85Page - Tyco Electronics 1-102974-0 Datasheet HTML 86Page - Tyco Electronics 1-102974-0 Datasheet HTML 87Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 321 page
background image
83
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
4
METRIC
Dimensions are
millimeters over inches
Position
Dimensions
Part Numbers
AB
8
6.0 [.236]
8.50 [.335]
1734531-8
10
8.0 [.315]
10.50 [.413]
1-1734531-0
12
10.0 [.394]
12.50 [.492]
1-1734531-2
14
12.0 [.472]
14.50 [.571]
1-1734531-4
16
14.0 [.551]
16.50 [.650]
1-1734531-6
18
16.0 [.630]
18.50 [.728]
1-1734531-8
20
18.0 [.709]
20.50 [.807]
2-1734531-0
22
20.0 [.787]
22.50 [.886]
2-1734531-2
24
22.0 [.866]
24.50 [.965]
2-1734531-4
26
24.0 [.945]
26.50 [1.043]
2-1734531-6
28
26.0 [1.024]
28.50 [1.122]
2-1734531-8
30
28.0 [1.102]
30.50 [1.201]
3-1734531-0
32
30.0 [1.181]
32.50 [1.280]
3-1734531-2
34
32.0 [1.260]
34.50 [1.358]
3-1734531-4
36
34.0 [1.339]
36.50 [1.437]
3-1734531-6
38
36.0 [1.417]
38.50 [1.516]
3-1734531-8
40
38.0 [1.496]
40.50 [1.594]
4-1734531-0
42
40.0 [1.575]
42.50 [1.673]
4-1734531-2
44
42.0 [1.654]
44.50 [1.752]
4-1734531-4
46
44.0 [1.732]
46.50 [1.831]
4-1734531-6
48
46.0 [1.811]
48.50 [1.909]
4-1734531-8
50
48.0 [1.890]
50.50 [1.988]
5-1734531-0
52
50.0 [1.969]
52.50 [2.067]
5-1734531-2
54
52.0 [2.047]
54.50 [2.146]
5-1734531-4
56
54.0 [2.123]
56.50 [2.224]
5-1734531-6
58
56.0 [2.205]
58.50 [2.303]
5-1734531-8
60
58.0 [2.283]
60.50 [2.381]
6-1734531-0
62
60.0 [2.362]
62.50 [2.461]
6-1734531-2
64
62.0 [2.441]
64.50 [2.539]
6-1734531-4
66
64.0 [2.520]
66.50 [2.618]
6-1734531-6
68
66.0 [2.598]
68.50 [2.697]
6-1734531-8
70
68.0 [2.677]
70.50 [2.776]
7-1734531-0
72
70.0 [2.756]
72.50 [2.854]
7-1734531-2
74
72.0 [2.834]
74.50 [2.933]
7-1734531-4
76
74.0 [2.913]
76.50 [3.012]
7-1734531-6
78
76.0 [2.992]
78.50 [3.091]
7-1734531-8
80
78.0 [3.071]
80.50 [3.169]
8-1734531-0
2mm Receptacle, Double Row, Thru-Hole, Right-Angle Mount
Note: All part numbers are RoHS compliant.
Receptacle, Thru-Hole,
Right-Angle
Material and Finish
Housing — Black Thermoplastic,
UL 94V-0 Rated
Contact — Phosphor Bronze
Contact Finish — 0.00020 [.000008]
Min. Gold Plated on Contact Area,
0.00254 [.000100] Min. Tin Plated on
Solder Tail, 0.00127 [.000050] Min.
Nickel Underplated Over All
Related Product Data
Mateable Headers — pages 66-73
Product Specification
108-57197
Packaging Method — Tube
2±0.15
[.079±.006]
2±0.05
[.079±.002]
3±0.02
[.118±.001]
7.2±0.15
[.283±.006]
4.85±0.15
[.191±.006]
1.5±0.05
[.059±.002]
0.5±0.05
[.02±.002]
0.2±0.03
[.008±.001]
0.35
[.014]
1.45
[.057]
5.2
[.205]
2.00
[.079]
2.00
[.079]
TYP
2.00
[.079]
TYP
A±0.10
[±.004]
A
A
A
B±0.20
[±.008]
Recommended PCB Layout
Section A-A
.080
[.031] DIA TYP


Similar Part No. - 1-102974-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-102976-0 MACOM-1-102976-0 Datasheet
125Kb / 1P
   HEADER ASSY, MOD II
1-102976-0 MACOM-1-102976-0 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-1 MACOM-1-102976-1 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-3 MACOM-1-102976-3 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-4 MACOM-1-102976-4 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
More results

Similar Description - 1-102974-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com