Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD680JT Datasheet(PDF) 5 Page - Analog Devices

Part # AD680JT
Description  Low Power, Low Cost 2.5 V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD680JT Datasheet(HTML) 5 Page - Analog Devices

  AD680JT Datasheet HTML 1Page - Analog Devices AD680JT Datasheet HTML 2Page - Analog Devices AD680JT Datasheet HTML 3Page - Analog Devices AD680JT Datasheet HTML 4Page - Analog Devices AD680JT Datasheet HTML 5Page - Analog Devices AD680JT Datasheet HTML 6Page - Analog Devices AD680JT Datasheet HTML 7Page - Analog Devices AD680JT Datasheet HTML 8Page - Analog Devices AD680JT Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD680
Rev. H | Page 5 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
* TP DENOTES FACTORY TEST POINT.
NO CONNECTIONS SHOULD BE MADE
TO THESE PINS.
NC = NO CONNECT
AD680
TOP VIEW
(Not to Scale)
TP*
1
+VIN 2
TEMP
3
GND
4
TP*
TP*
VOUT
NC
8
7
6
5
Figure 3. 8-Lead PDIP and 8-Lead SOIC Pin Configuration
AD680
BOTTOM VIEW
(Not to Scale)
32
1
+VIN VOUT GND
Figure 4. Connection Diagram
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Descriptions
1, 7, 8
TP
Test Point. A factory test point. No connections are made to these pins.
2
+VIN
Input Voltage.
3
TEMP
Temperature Output.
4
GND
Ground.
5
NC
No Connect.
6
VOUT
Output Voltage.


Similar Part No. - AD680JT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD680JT AD-AD680JT Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680JT AD-AD680JT Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results

Similar Description - AD680JT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD680 AD-AD680 Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
AD680 AD-AD680_15 Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
REF43BRC AD-REF43BRC Datasheet
926Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43 AD-REF43_15 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REF43 AD-REF43_04 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43GSZ AD-REF43GSZ Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
logo
List of Unclassifed Man...
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
   Low Cost Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com