Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD680JNZ1 Datasheet(PDF) 10 Page - Analog Devices

Part # AD680JNZ1
Description  Low Power, Low Cost 2.5 V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD680JNZ1 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD680JNZ1 Datasheet HTML 4Page - Analog Devices AD680JNZ1 Datasheet HTML 5Page - Analog Devices AD680JNZ1 Datasheet HTML 6Page - Analog Devices AD680JNZ1 Datasheet HTML 7Page - Analog Devices AD680JNZ1 Datasheet HTML 8Page - Analog Devices AD680JNZ1 Datasheet HTML 9Page - Analog Devices AD680JNZ1 Datasheet HTML 10Page - Analog Devices AD680JNZ1 Datasheet HTML 11Page - Analog Devices AD680JNZ1 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD680
Rev. H | Page 10 of 12
4.5 V REFERENCE FROM A 5 V SUPPLY
The AD680 can be used to provide a low power, 4.5 V reference,
as shown in Figure 19. In addition to the AD680, the circuit
uses a low power op amp and a transistor in a feedback con-
figuration that provides a regulated 4.5 V output for a power
supply voltage as low as 4.7 V. The high quality tantalum 10 μF
capacitor (C1) in parallel with the ceramic 0.1 μF capacitor (C2)
and the 3.9 Ω resistor (R5) ensure a low output impedance up to
approximately 50 MHz (see Figure 19).
6
3
2
7
4
OP90
+IN
V+
V–
OUT
–IN
R1
2k
Ω
1%
CF
0.1
μF
R4
3.57k
Ω
R2
2.5k
Ω
1%
AD680
VOUT
GND
VIN
0.1
μF
R3
1k
Ω
CC
3.3
μF
2N2907A
4.7V TO 15V
C1
10
μF
+
C2
0.1
μF
R5
3.9
Ω
Figure 19. 4.5 V Reference Running from a Single 5 V Supply
VOLTAGE REGULATOR FOR PORTABLE
EQUIPMENT
The AD680 is ideal for providing a stable, low cost, low power
reference voltage in portable equipment power supplies.
Figure 20 shows how the AD680 can be used in a voltage
regulator that not only has low output noise (as compared to a
switch mode design) and low power, but it also has a very fast
recovery after current surges. Some caution should be taken in
the selection of the output capacitors. Too high an ESR (effective
series resistance) could endanger the stability of the circuit. A solid
tantalum capacitor, 16 V or higher, and an aluminum electro-
lytic capacitor, 10 V or higher, are recommended for C1 and C2,
respectively. Also, the path from the ground side of C1 and C2
to the ground side of R1 should be kept as short as possible.
2
3
7
6
4
OP777
+
R3
510k
Ω
IRF9530
AD680
VOUT
GND
VIN
C1
68
μF
TANT
+
C2
1000
μF
ELECT
+
2
6
TEMP 3
4
0.1
μF
CHARGER
INPUT
6V
LEAD-ACID
BATTERY
+
R2
402k
Ω 1%
R1
402k
Ω 1%
Figure 20. Voltage Regulator for Portable Equipment


Similar Part No. - AD680JNZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD680JN AD-AD680JN Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680JN AD-AD680JN Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results

Similar Description - AD680JNZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD680 AD-AD680 Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
AD680 AD-AD680_15 Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
REF43BRC AD-REF43BRC Datasheet
926Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43 AD-REF43_15 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REF43 AD-REF43_04 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43GSZ AD-REF43GSZ Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
logo
List of Unclassifed Man...
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
   Low Cost Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com