Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC256JM-90 Datasheet(PDF) 11 Page - Rochester Electronics

Part # X28HC256JM-90
Description  LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

X28HC256JM-90 Datasheet(HTML) 11 Page - Rochester Electronics

Back Button X28HC256JM-90 Datasheet HTML 7Page - Rochester Electronics X28HC256JM-90 Datasheet HTML 8Page - Rochester Electronics X28HC256JM-90 Datasheet HTML 9Page - Rochester Electronics X28HC256JM-90 Datasheet HTML 10Page - Rochester Electronics X28HC256JM-90 Datasheet HTML 11Page - Rochester Electronics X28HC256JM-90 Datasheet HTML 12Page - Rochester Electronics X28HC256JM-90 Datasheet HTML 13Page - Rochester Electronics X28HC256JM-90 Datasheet HTML 14Page - Rochester Electronics X28HC256JM-90 Datasheet HTML 15Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
10
FN8108.2
May 7, 2007
Absolute Maximum Ratings
Thermal Information
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . .-10°C to +85°C
X28HC256 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
X28HC256I, X28HC256M . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on any Pin with Respect to VSS . . . . . . . . . . . . . -1V to +7V
DC Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Commerical . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Military . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ± 10%
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
Over Recommended Operating Conditions, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
(Note 7)
MAX
VCC Active Current
(TTL Inputs)
ICC
CE = OE = VIL, WE = VIH, All I/O’s = open,
address inputs = .4V/2.4V levels @ f = 10MHz
30
60
mA
VCC Standby Current
(TTL Inputs)
ISB1
CE = VIH, OE = VIL, All I/O’s = open, other inputs = VIH
12
mA
VCC Standby Current
(CMOS Inputs)
ISB2
CE = VCC - 0.3V, OE = GND, All I/Os = open, other
inputs = VCC - 0.3V
200
500
µA
Input Leakage Current
ILI
VIN = VSS to VCC
10
µA
Output Leakage Current
ILO
VOUT = VSS to VCC, CE = VIH
10
µA
Input LOW Voltage
VlL (Note 2)
-1
0.8
V
Input HIGH Voltage
VIH (Note 2)
2
VCC + 1
V
Output LOW Voltage
VOL
IOL = 6mA
0.4
V
Output HIGH Voltage
VOH
IOH = -4mA
2.4
V
NOTES:
1. Typical values are for TA = +25°C and nominal supply voltage.
2. VIL min. and VIH max. are for reference only and are not tested.
Power-up Timing
PARAMETER
SYMBOL
MAX
UNIT
Power-up to read
tPUR, Note 3
100
µs
Power-up to write
tPUW, Note 3
5
ms
NOTE:
3. This parameter is periodically sampled and not 100% tested.
X28HC256


Similar Part No. - X28HC256JM-90

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC256JM-90 XICOR-X28HC256JM-90 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC256JM-90 INTERSIL-X28HC256JM-90 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256JM-90

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
ATMEL Corporation
AT28HC64BF ATMEL-AT28HC64BF_09 Datasheet
373Kb / 16P
   64K High Speed Parallel EEPROM with Page Write and Sfotware Data Protection
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com