Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQI19N20L Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQI19N20L
Description  200V LOGIC N_Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQI19N20L Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQI19N20L Datasheet HTML 1Page - Fairchild Semiconductor FQI19N20L Datasheet HTML 2Page - Fairchild Semiconductor FQI19N20L Datasheet HTML 3Page - Fairchild Semiconductor FQI19N20L Datasheet HTML 4Page - Fairchild Semiconductor FQI19N20L Datasheet HTML 5Page - Fairchild Semiconductor FQI19N20L Datasheet HTML 6Page - Fairchild Semiconductor FQI19N20L Datasheet HTML 7Page - Fairchild Semiconductor FQI19N20L Datasheet HTML 8Page - Fairchild Semiconductor FQI19N20L Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
  


QFET
QFET
QFET
QFET
  
 
 
          
        
   
!   "   
#    !   
         
!   ! 
        $ !
   

% &'(&))*+,) '-Ω.*,')*
% / 0 &12
% /0 3)2
%  
% '))4! 
% 5!!$ " 
% / ! !6  
  !
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
 
    
 ! !"!"




*
 * 
&))
*
5

0,&782
&'
(
0,'))82
'3 3
(
5

9 
 
:-
(
*
; * 
±&)
*
<
 9 (! <
 
&7)
=
5
(! 
 
&'
(
<
+!(! <
 
'-
=
!$
9>+ !!$
 
7 7
*$
9
90,&782?
3 '3
@
90,&782
'-)
@
"!&78
' '&
@$8
 
+
77A'7)
8

B  
'$:C 7 
3))
8





+θ 
 + = 

) :D
8@
 + = ("?

-)
8@
 + = ("

E& 7
8@
       

!




! 
!



Similar Part No. - FQI19N20L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQI19N20 FAIRCHILD-FQI19N20 Datasheet
723Kb / 9P
   200V N-Channel MOSFET
FQI19N20 FAIRCHILD-FQI19N20 Datasheet
808Kb / 9P
   N-Channel QFET MOSFET
FQI19N20C FAIRCHILD-FQI19N20C Datasheet
876Kb / 9P
   200V N-Channel MOSFET
More results

Similar Description - FQI19N20L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF998 INFINEON-BF998_07 Datasheet
93Kb / 9P
   Silicon N_Channel MOSFET Tetrode
2007-04-20
logo
Fairchild Semiconductor
FQD5N20L FAIRCHILD-FQD5N20L_08 Datasheet
624Kb / 9P
   200V LOGIC N-Channel MOSFET
FQB10N20L FAIRCHILD-FQB10N20L Datasheet
574Kb / 9P
   200V LOGIC N-Channel MOSFET
FQPF7N20L FAIRCHILD-FQPF7N20L Datasheet
547Kb / 8P
   200V LOGIC N-Channel MOSFET
FQT4N20L FAIRCHILD-FQT4N20L Datasheet
627Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP4N20L FAIRCHILD-FQP4N20L Datasheet
506Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB12N20L FAIRCHILD-FQB12N20L Datasheet
607Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP19N20L FAIRCHILD-FQP19N20L Datasheet
734Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP5N20L FAIRCHILD-FQP5N20L Datasheet
605Kb / 8P
   200V LOGIC N-Channel MOSFET
FQA19N20L FAIRCHILD-FQA19N20L Datasheet
742Kb / 8P
   200V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com