Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N80C196KC-20 Datasheet(PDF) 4 Page - Rochester Electronics

Part # N80C196KC-20
Description  POWERFUL MICROCONTROLLER for use in the automotive market
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

N80C196KC-20 Datasheet(HTML) 4 Page - Rochester Electronics

  N80C196KC-20 Datasheet HTML 1Page - Rochester Electronics N80C196KC-20 Datasheet HTML 2Page - Rochester Electronics N80C196KC-20 Datasheet HTML 3Page - Rochester Electronics N80C196KC-20 Datasheet HTML 4Page - Rochester Electronics N80C196KC-20 Datasheet HTML 5Page - Rochester Electronics N80C196KC-20 Datasheet HTML 6Page - Rochester Electronics N80C196KC-20 Datasheet HTML 7Page - Rochester Electronics N80C196KC-20 Datasheet HTML 8Page - Rochester Electronics N80C196KC-20 Datasheet HTML 9Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
8XC196KC/8XC196KC20
PROCESS INFORMATION
This device is manufactured on PX29.5 or PX29.9, a
CHMOS III process. Additional process and reliabili-
ty information is available in the Intel® Quality
System Handbook:
http://developer.intel.com/design/quality/quality.htm
270942–43
NOTE:
1. EPROMs are available as One Time Programmable
(OTPROM) only.
Figure 3. The 8XC196KC Family Nomenclature
Table 1. Thermal Characteristics
Package
θja
θjc
Type
PLCC
35
°C/W
13
°C/W
QFP
55
°C/W
16
°C/W
SQFP
TBD
TBD
All thermal impedance data is approximate for static air
conditions at 1W of power dissipation. Values will change
depending on operation conditions and application. See
the Intel
Packaging Handbook (order number 240800) for a
description of Intel’s thermal impedance test methodology.
Table 2. 8XC196KC Memory Map
Description
Address
External Memory or I/O
0FFFFH
06000H
Internal ROM/OTPROM or External
5FFFH
Memory (Determined by EA)
2080H
Reserved. Must contain FFH.
207FH
(Note 5)
205EH
PTS Vectors
205DH
2040H
Upper Interrupt Vectors
203FH
2030H
ROM/OTPROM Security Key
202FH
2020H
Reserved. Must contain FFH.
201FH
(Note 5)
201AH
Reserved. Must Contain 20H.
2019H
(Note 5)
CCB
2018H
Reserved. Must contain FFH.
2017H
(Note 5)
2014H
Lower Interrupt Vectors
2013H
2000H
Port 3 and Port 4
1FFFH
1FFEH
External Memory
1FFDH
0200H
488 Bytes Register RAM (Note 1)
01FFH
0018H
CPU SFR’s (Notes 1, 3, 4)
0017H
0000H
NOTES
:
1. Code executed in locations 0000H to 01FFH will be
forced external.
2. Reserved memory locations must contain 0FFH unless
noted.
3. Reserved SFR bit locations must contain 0.
4. Refer to 8XC196KC User’s manual for SFR descriptions.
5. WARNING: Reserved memory locations must not be
written or read. The contents and/or function of these lo-
cations may change with future revisions of the device.
Therefore, a program that relies on one or more of these
locations may not function properly.
3


Similar Part No. - N80C196KC-20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
N80C196KC INTEL-N80C196KC Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
N80C196KC20 INTEL-N80C196KC20 Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results

Similar Description - N80C196KC-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N567GXXX ETC2-N567GXXX Datasheet
638Kb / 15P
   powerful microcontroller
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
   The Smallest Dimension in the Market
logo
FCI connector
59453-041110EDHLF FCI-CONNECTOR-59453-041110EDHLF Datasheet
2Mb / 22P
   Selection of connectors for the Non-Automotive Transportation Market
logo
List of Unclassifed Man...
N567KXXX ETC2-N567KXXX Datasheet
638Kb / 15P
   powerful microcontroller (uC)
N567K081 ETC2-N567K081 Datasheet
519Kb / 11P
   powerful microcontroller (uC)
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
   one of the smallest SSDs in the market
logo
RF Monolithics, Inc
DM1810-434-XK RFM-DM1810-434-XK Datasheet
95Kb / 1P
   ETSI-certified for the European market
logo
Panasonic Semiconductor
AN3275SB PANASONIC-AN3275SB Datasheet
124Kb / 15P
   CM detection IC for VCRs in the North American market
logo
NEC
T120B-M NEC-T120B-M Datasheet
872Kb / 2P
   The powerful departmental server
logo
List of Unclassifed Man...
MINI-M4 ETC2-MINI-M4 Datasheet
1Mb / 16P
   The whole Stellaris짰 development board fitted in DIP40 form factor, containing powerful LX4F320H5QR microcontroller.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com