Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP610LC-25 Datasheet(PDF) 5 Page - Rochester Electronics

Part # EP610LC-25
Description  High-performance, 16-macrocell Classic EPLD Pipelined data rates of up to 100 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

EP610LC-25 Datasheet(HTML) 5 Page - Rochester Electronics

  EP610LC-25 Datasheet HTML 1Page - Rochester Electronics EP610LC-25 Datasheet HTML 2Page - Rochester Electronics EP610LC-25 Datasheet HTML 3Page - Rochester Electronics EP610LC-25 Datasheet HTML 4Page - Rochester Electronics EP610LC-25 Datasheet HTML 5Page - Rochester Electronics EP610LC-25 Datasheet HTML 6Page - Rochester Electronics EP610LC-25 Datasheet HTML 7Page - Rochester Electronics EP610LC-25 Datasheet HTML 8Page - Rochester Electronics EP610LC-25 Datasheet HTML 9Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EP610
Specification Number EP610-CI (AT) REV -
Page 5 of 9
Capacitance
EP610
EP610T
EP610-XX/B
EP610I
Symbol
Parameter
Conditions
Min Max Min
Max Min Max Unit
CIN
Input pin capacitance
VIN = 0 V, f = 1.0 MHz
10
20
8
pF
CI/O
I/O pin capacitance
VOUT = 0 V, f = 1.0 MHz
12
20
8
pF
CCLK1
CLK1 pin capacitance
VIN = 0 V, f = 1.0 MHz
20
20
10
pF
CCLK2
CLK2 pin capacitance
VIN = 0 V, f = 1.0 MHz
20
20
12
pF
ICC Supply Current: EP610 & EP610T
ICC Supply Current: EP610-XX/B & EP610I
EP610
EP610T
Symbol
Parameter
Conditions
Speed
Grade
Min Typ Max Min Typ Max Unit
ICC1
VCC supply current
(non-turbo, standby)
VI = VCC or GND,
No load
20
150
µ
A
ICC2
VCC supply current
(non-turbo, active)
VI = VCC or GND,
No load,
f = 1.0 MHz
5
10 (15)
m
A
ICC3
VCC supply current
(turbo, active)
-15, -20
60
90 (115)
60
90
mA
-25, -30, -35
45
60 (75)
60
90
mA
EP610-XX/B
EP610I
Symbol
Parameter
Conditions
Min Typ
Max Min Typ
Max Unit
ICC1
VCC supply current
(non-turbo, standby)
VI = VCC or GND, No load
900
20
150
µ
A
ICC2
VCC supply current
(non-turbo, active)
VI = VCC or GND, No load,
f = 1.0 MHz
25
3
8
m
A
ICC3
VCC supply current
(turbo, active)
VI = VCC or GND, No load,
f = 1.0 MHz
140
65
105
mA


Similar Part No. - EP610LC-25

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP610 ALTERA-EP610 Datasheet
1Mb / 41P
   Classic EPLD Family
EP610 ALTERA-EP610 Datasheet
639Kb / 42P
   The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
EP610I ALTERA-EP610I Datasheet
1Mb / 41P
   Classic EPLD Family
EP610I ALTERA-EP610I Datasheet
639Kb / 42P
   The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
More results

Similar Description - EP610LC-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP910EPLD ETC-EP910EPLD Datasheet
24Kb / 1P
   HIGH PERFORMANCE 24 MACROCELL EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Cypress Semiconductor
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
CY7C344 CYPRESS-CY7C344 Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C343B CYPRESS-CY7C343B_04 Datasheet
183Kb / 11P
   64-Macrocell MAX짰 EPLD
CY7C344-20JI CYPRESS-CY7C344-20JI Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com