Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP610JC-35 Datasheet(PDF) 3 Page - Rochester Electronics

Part # EP610JC-35
Description  High-performance, 16-macrocell Classic EPLD Pipelined data rates of up to 100 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

EP610JC-35 Datasheet(HTML) 3 Page - Rochester Electronics

  EP610JC-35 Datasheet HTML 1Page - Rochester Electronics EP610JC-35 Datasheet HTML 2Page - Rochester Electronics EP610JC-35 Datasheet HTML 3Page - Rochester Electronics EP610JC-35 Datasheet HTML 4Page - Rochester Electronics EP610JC-35 Datasheet HTML 5Page - Rochester Electronics EP610JC-35 Datasheet HTML 6Page - Rochester Electronics EP610JC-35 Datasheet HTML 7Page - Rochester Electronics EP610JC-35 Datasheet HTML 8Page - Rochester Electronics EP610JC-35 Datasheet HTML 9Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EP610
Specification Number EP610-CI (AT) REV -
Page 3 of 9
Table 1 summarizes EP610 device features
Table 1. EP610 Device Features
Feature
EP610
EP610T
EP610-XX/B
EP610I
tPD
15 ns
15 ns
35 ns
10 ns
Counter frequency
83 MHz
83 MHz
28.5 MHz
100 MHz
Pipeline data rates
83 MHz
83 MHz
37 MHz
100 MHz
Packages
24-pin SOIC
24-pin CerDIP
24-pin PDIP
24-pin PLCC
24-pin SOIC
24-pin PDIP
28-pin PLCC
24-pin CerDIP
24-pin CerDIP
24-pin PDIP
28-pin PLCC
General
Description
Figure 2. EP610 Block Diagram
Numbers without parentheses are for DIP and SOIC packages. Numbers in parentheses are for J-lead packages.
EP610 devices have 16 macrocells, 4 dedicated input pins, 16
I/O pins, and 2 global Clock pins (see Figure 2). Each macrocell
can access signals from the global bus, which consists of the
true and complement forms of the dedicated inputs and the
true complement forms of either the output of the macrocell of
the I/O input. CLK1 is a dedicated Clock input for the registers
in macrocells 9 through 16. CLK2 is a dedicated Clock input for
registers in macrocells 1 through 8.
2 (3) INPUT
1 (2)
CLK1
3 (4)
4 (5)
5 (6)
6 (7)
7 (8)
8 (9)
9 (10)
10 (12)
11 (13) INPUT
INPUT 23 (27)
CLK2
13 (16)
22 (26)
21 (25)
20 (24)
19 (23)
18 (22)
17 (21)
16 (20)
15 (18)
INPUT 14 (17)
Global
Bus
Macrocell 9
Macrocell 10
Macrocell 11
Macrocell 12
Macrocell 13
Macrocell 14
Macrocell 15
Macrocell 16
Macrocell 9
Macrocell 10
Macrocell 11
Macrocell 12
Macrocell 13
Macrocell 14
Macrocell 15
Macrocell 16


Similar Part No. - EP610JC-35

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP610 ALTERA-EP610 Datasheet
1Mb / 41P
   Classic EPLD Family
EP610 ALTERA-EP610 Datasheet
639Kb / 42P
   The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
EP610I ALTERA-EP610I Datasheet
1Mb / 41P
   Classic EPLD Family
EP610I ALTERA-EP610I Datasheet
639Kb / 42P
   The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
More results

Similar Description - EP610JC-35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP910EPLD ETC-EP910EPLD Datasheet
24Kb / 1P
   HIGH PERFORMANCE 24 MACROCELL EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Cypress Semiconductor
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
CY7C344 CYPRESS-CY7C344 Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C343B CYPRESS-CY7C343B_04 Datasheet
183Kb / 11P
   64-Macrocell MAX짰 EPLD
CY7C344-20JI CYPRESS-CY7C344-20JI Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com