Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ16GA002 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC24FJ16GA002
Description  PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA002 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC24FJ16GA002 Datasheet HTML 4Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 5Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 6Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 7Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 8Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 9Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 10Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 11Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
PIC24FJ64GA004 FAMILY
DS80000470H-page 8
 2009-2013 Microchip Technology Inc.
14. Module: UART
With the auto-baud feature selected, the Sync field
character (0x55) may be loaded into the FIFO as
data.
Work around
To prevent the Sync field character from being
loaded into the FIFO, load the UxBRG register with
either 0x0000 or 0xFFFF prior to enabling the
auto-baud feature (ABAUD = 1).
Affected Silicon Revisions
15. Module: UART
The auto-baud may miscalculate for certain baud
rates and clock speed combinations, resulting in a
BRG value that is 1 greater or less than the
expected value. When UxBRG is less than 50, this
can result in transmission and reception failures
due to introducing error greater than 1%.
Work around
Test auto-baud calculations at various clock speed
and baud rate combinations that would be used in
applications. If an inaccurate UxBRG value is gen-
erated, manually correct the baud rate in user
code.
Affected Silicon Revisions
16. Module: UART
The UARTx module will not generate consecutive
Break characters. Trying to perform a back-to-
back Break character transmission will cause the
UARTx module to transmit the dummy character
used to generate the first Break character, instead
of transmitting the second Break character. Break
characters are generated correctly if they are
followed by non-Break character transmission.
Work around
None.
Affected Silicon Revisions
17. Module: Output Compare
In PWM mode, the output compare module may
miss a compare event when the Current Duty
Cycle register (OCxRS) value is 0x0000 (0% duty
cycle) and the OCxRS register is updated with a
value of 0x0001. The compare event is only
missed the first time a value of 0x0001 is written to
OCxRS and the PWM output remains low for one
PWM period. Subsequent PWM high and low
times occur as expected.
Work around
If the current OCxRS register value is 0x0000,
avoid writing a value of 0x0001 to OCxRS.
Instead, write a value of 0x0002. In this case, how-
ever, the duty cycle will be slightly different from
the desired value.
Affected Silicon Revisions
18. Module: SPI
When using Enhanced
Buffer
mode,
some
indicator bits may be set at incorrect times:
• For slave transfers, the SRMPT bit
(SPIxSTAT<7>) is set early, after only 7 SCKx
periods.
• For Slave Interrupt modes (SISELx = 5), there
is a one SCKx period delay between the
interrupt event and the SPIxIF bit being set.
• There may be several instruction cycle delays
between the FIFO full or FIFO empty events
and the interrupt flags, or indicator bits being
set.
Work around
None at this time.
Affected Silicon Revisions
A3/
A4
B4
B5
B8
X
A3/
A4
B4
B5
B8
X
A3/
A4
B4
B5
B8
XX
X
X
A3/
A4
B4
B5
B8
X
A3/
A4
B4
B5
B8
X


Similar Part No. - PIC24FJ16GA002

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ16GA002 MICROCHIP-PIC24FJ16GA002 Datasheet
863Kb / 20P
   Adding Intelligence to Lighting Applications
Summer 2010
PIC24FJ16GA002 MICROCHIP-PIC24FJ16GA002 Datasheet
2Mb / 278P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
11/29/11 2010-2013
PIC24FJ16GA002 MICROCHIP-PIC24FJ16GA002 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ16GA002 MICROCHIP-PIC24FJ16GA002 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ16GA002 MICROCHIP-PIC24FJ16GA002 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
More results

Similar Description - PIC24FJ16GA002

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GB106-I-PT MICROCHIP-PIC24FJ64GB106-I-PT Datasheet
370Kb / 22P
   PIC24FJ256GB110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
392Kb / 22P
   PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC18F67J50-I MICROCHIP-PIC18F67J50-I Datasheet
271Kb / 16P
   PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
03/26/09
PIC18F46J50 MICROCHIP-PIC18F46J50 Datasheet
217Kb / 12P
   PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC18F46K80-E-PT MICROCHIP-PIC18F46K80-E-PT Datasheet
128Kb / 12P
   PIC18F66K80 Family Silicon Errata and Data Sheet Clarification
11/29/11
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
   Silicon Errata and Data Sheet Clarification
2011
KSZ8041 MICROCHIP-KSZ8041 Datasheet
136Kb / 4P
   KSZ8041 Silicon Errata and Data Sheet Clarification
05-05-16
ATSAME54P19A MICROCHIP-ATSAME54P19A Datasheet
249Kb / 22P
   SAM D5x/E5x Family Silicon Errata and Data Sheet Clarification
2017
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101_13 Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS202-EMM MICROCHIP-DSPIC33FJ06GS202-EMM Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com