Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ32GA002 Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC24FJ32GA002
Description  PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ32GA002 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC24FJ32GA002 Datasheet HTML 2Page - Microchip Technology PIC24FJ32GA002 Datasheet HTML 3Page - Microchip Technology PIC24FJ32GA002 Datasheet HTML 4Page - Microchip Technology PIC24FJ32GA002 Datasheet HTML 5Page - Microchip Technology PIC24FJ32GA002 Datasheet HTML 6Page - Microchip Technology PIC24FJ32GA002 Datasheet HTML 7Page - Microchip Technology PIC24FJ32GA002 Datasheet HTML 8Page - Microchip Technology PIC24FJ32GA002 Datasheet HTML 9Page - Microchip Technology PIC24FJ32GA002 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PIC24FJ64GA004 FAMILY
DS80000470H-page 6
 2009-2013 Microchip Technology Inc.
5.
Module: Core
On a Brown-out Reset, both the BOR and POR
bits may be set. This may cause the Brown-out
Reset condition to be indistinguishable from the
Power-on Reset.
Work around
None.
Affected Silicon Revisions
6.
Module: Core
The PIC24FJ16GA002 and PIC24FJ16GA004
devices have 8K of data RAM implemented
instead of 4K. This will cause the address error
trap not to function for addresses between 2000h
and 27FFh.
Work around
Do not access RAM beyond address 17FFh to
maintain software compatibility with future device
revisions.
Affected Silicon Revisions
7.
Module: A/D
The AD1PCFG and AD1CHS registers allow
unimplemented channels to be selected. If these
channels are selected, they will read as if tied to
VSS. These channels should be disabled.
Work around
Disable channels, AN13 and AN14, in the
AD1PCFG register by ensuring that bits 13 and 14
are cleared.
Ensure that bits 5 and 12 of AD1CHS are main-
tained cleared. If these bits are set, it will cause the
A/D to reference channels AN16-31.
Affected Silicon Revisions
8.
Module: A/D
The A/D module will not generate code 511. Any
conversion which should result in 511 normally, will
instead generate 510 or 512.
Work around
None.
Affected Silicon Revisions
9.
Module: A/D
With the External Interrupt 0 (INT0) selected to start
an A/D conversion (SSRC<2:0> = 001), the device
may not wake-up from Sleep or Idle mode if more
than one conversion is selected per interrupt
(SMPI<3:0> <> 0000). Interrupts are generated
correctly if the device is not in Sleep or Idle mode.
Work around
Configure the A/D to generate an interrupt after
every conversion (SMPI<3:0> = 0000). Use
another wake-up source, such as the WDT or
another interrupt source, to exit the Sleep or Idle
mode. Alternatively, perform A/D conversions in
Run mode.
Affected Silicon Revisions
A3/
A4
B4
B5
B8
X
A3/
A4
B4
B5
B8
X
A3/
A4
B4
B5
B8
X
A3/
A4
B4
B5
B8
X
A3/
A4
B4
B5
B8
X


Similar Part No. - PIC24FJ32GA002

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ32GA002 MICROCHIP-PIC24FJ32GA002 Datasheet
2Mb / 278P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
11/29/11 2010-2013
PIC24FJ32GA002 MICROCHIP-PIC24FJ32GA002 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ32GA002 MICROCHIP-PIC24FJ32GA002 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ32GA002 MICROCHIP-PIC24FJ32GA002 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ32GA002 MICROCHIP-PIC24FJ32GA002 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC24FJ32GA002

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GB106-I-PT MICROCHIP-PIC24FJ64GB106-I-PT Datasheet
370Kb / 22P
   PIC24FJ256GB110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
392Kb / 22P
   PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC18F67J50-I MICROCHIP-PIC18F67J50-I Datasheet
271Kb / 16P
   PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
03/26/09
PIC18F46J50 MICROCHIP-PIC18F46J50 Datasheet
217Kb / 12P
   PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC18F46K80-E-PT MICROCHIP-PIC18F46K80-E-PT Datasheet
128Kb / 12P
   PIC18F66K80 Family Silicon Errata and Data Sheet Clarification
11/29/11
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
   Silicon Errata and Data Sheet Clarification
2011
KSZ8041 MICROCHIP-KSZ8041 Datasheet
136Kb / 4P
   KSZ8041 Silicon Errata and Data Sheet Clarification
05-05-16
ATSAME54P19A MICROCHIP-ATSAME54P19A Datasheet
249Kb / 22P
   SAM D5x/E5x Family Silicon Errata and Data Sheet Clarification
2017
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101_13 Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS202-EMM MICROCHIP-DSPIC33FJ06GS202-EMM Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com