Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

31-5610-050-210-871 Datasheet(PDF) 1 Page - AVX Corporation

Part # 31-5610-050-210-871
Description  Compact Flash Memory Card Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

31-5610-050-210-871 Datasheet(HTML) 1 Page - AVX Corporation

  31-5610-050-210-871 Datasheet HTML 1Page - AVX Corporation 31-5610-050-210-871 Datasheet HTML 2Page - AVX Corporation 31-5610-050-210-871 Datasheet HTML 3Page - AVX Corporation 31-5610-050-210-871 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
22
Compact Flash Memory Card Connectors
Features/Benefits
TYPE I
SERIES 5610/5611/5612
Series 5610, 5611 and 5612 are memory card connectors
supporting Compact Flash. They are used for small portable
devices such as digital cameras, Notebook PC, PDA, etc.
Series 5610 consists of header and ejector, Series 5611 of
card receptacle connector and Series 5612 of card kit covers.
The header supports auto-mounting processes. It offers
many options of ejector-button position and customized
design. In addition to the normal and reverse type, standoff
type (H=0/H=2.0) can also be offered, which enables the
components to be mounted on the back side of card. The
connector used for card side has variations of straddle
mount type and single side mount type.
TECHNICAL SPECIFICATIONS
Series 5610
Number of Contacts:
50
Pitch:
1.27mm (0.05) Grid
Tail Pitch:
0.635mm (0.025)
Current Rating:
0.5A Max.
Voltage Rating:
5V Max.
DW Voltage:
500V rms/min.
Mating Cycles
10,000
Series 5611
Number of Contacts:
50
Pitch:
1.27mm (0.05) Grid
Tail Pitch
Straddle:
1.27mm (0.05)
Single Side:
0.635mm (0.025)
Current Rating:
0.5A Max.
Voltage Rating:
5V Max.
DW Voltage:
500V rms/min.
Mating Cycles
10,000
TYPE II
SERIES 5620
Series 5620 is a memory card connector designed to comply
with the Type II card standard of Compact Flash Association.
TECHNICAL SPECIFICATIONS
Number of Contacts:
50
Pitch:
1.27mm (0.05) Grid
Tail Pitch:
0.635mm (0.025)
Current Rating:
0.5A Max.
Voltage Rating:
5V Max.
DW Voltage:
500V rms/min.
Mating Cycles
10,000
TYPE II
TYPE I


Similar Part No. - 31-5610-050-210-871

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-5607 AMPHENOL-31-5607 Datasheet
57Kb / 1P
   TNC PCB Receptacles
31-5633 AMPHENOL-31-5633 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
31-5633 AMPHENOL-31-5633 Datasheet
305Kb / 2P
   BNC 50 ohm PCB Receptacles
31-5633-1010 AMPHENOL-31-5633-1010 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
31-5633-1010 AMPHENOL-31-5633-1010 Datasheet
305Kb / 2P
   BNC 50 ohm PCB Receptacles
More results

Similar Description - 31-5610-050-210-871

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
5610 AVX-5610 Datasheet
180Kb / 5P
   Compact Flash Memory Card Connectors
315610050260871 AVX-315610050260871 Datasheet
286Kb / 3P
   Compact Flash Memory Card
logo
List of Unclassifed Man...
MI20 ETC2-MI20 Datasheet
358Kb / 16P
   Compact Flash Card Connectors
logo
Hirose Electric
MI20-50RD-SF HIROSE-MI20-50RD-SF Datasheet
347Kb / 6P
   Compact Flash Card Connectors(Complies with Compact Flash Association)
logo
Sharp Corporation
ID241 SHARP-ID241 Datasheet
22Kb / 1P
   Flash Memory Card
logo
Apacer Technology Inc.
SU220-CFAST APACER-SU220-CFAST Datasheet
677Kb / 5P
   flash memory card
logo
Sharp Corporation
ID242 SHARP-ID242 Datasheet
1Mb / 33P
   Flash Memory Card
ID246 SHARP-ID246 Datasheet
2Mb / 38P
   Flash Memory Card
logo
Apacer Technology Inc.
SS220-CFAST APACER-SS220-CFAST Datasheet
787Kb / 5P
   flash memory card
SM220-CFAST APACER-SM220-CFAST Datasheet
676Kb / 5P
   flash memory card
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com