Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX811_EUS-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX811_EUS-T
Description  4-Pin μP Voltage Monitors with Manual Reset Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX811_EUS-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX811_EUS-T Datasheet HTML 1Page - Maxim Integrated Products MAX811_EUS-T Datasheet HTML 2Page - Maxim Integrated Products MAX811_EUS-T Datasheet HTML 3Page - Maxim Integrated Products MAX811_EUS-T Datasheet HTML 4Page - Maxim Integrated Products MAX811_EUS-T Datasheet HTML 5Page - Maxim Integrated Products MAX811_EUS-T Datasheet HTML 6Page - Maxim Integrated Products MAX811_EUS-T Datasheet HTML 7Page - Maxim Integrated Products MAX811_EUS-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-Pin µP Voltage Monitors
with Manual Reset Input
_______________________________________________________________________________________
5
______________________________________________________________ Pin Description
_______________ Detailed Description
Reset Output
A microprocessor’s (µP’s) reset input starts the µP in a
known state. These µP supervisory circuits assert reset
to prevent code execution errors during power-up,
power-down, or brownout conditions.
RESET is guaranteed to be a logic low for VCC > 1V.
Once VCC exceeds the reset threshold, an internal
timer keeps RESET low for the reset timeout period;
after this interval, RESET goes high.
If a brownout condition occurs (VCC dips below the
reset threshold), RESET goes low. Any time VCC goes
below the reset threshold, the internal timer resets to
zero, and RESET goes low. The internal timer starts
after VCC returns above the reset threshold, and RESET
remains low for the reset timeout period.
The manual reset input (MR) can also initiate a reset.
See the
Manual Reset Input section.
The MAX812 has an active-high RESET output that is
the inverse of the MAX811’s RESET output.
Manual Reset Input
Many µP-based products require manual reset capabil-
ity, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. A logic low on MR
asserts reset. Reset remains asserted while MR is low,
and for the Reset Active Timeout Period (tRP) after MR
returns high. This input has an internal 20k
Ω pull-up
resistor, so it can be left open if it is not used. MR can
be driven with TTL or CMOS-logic levels, or with open-
drain/collector outputs. Connect a normally open
momentary switch from MR to GND to create a manual-
reset function; external debounce circuitry is not
required. If MR is driven from long cables or if the
device is used in a noisy environment, connecting a
0.1µF capacitor from MR to ground provides additional
noise immunity.
Reset Threshold Accuracy
The MAX811/MAX812 are ideal for systems using a 5V
±5% or 3V ±5% power supply with ICs specified for 5V
±10% or 3V ±10%, respectively. They are designed to
meet worst-case specifications over temperature. The
reset is guaranteed to assert after the power supply
falls out of regulation, but before power drops below
the minimum specified operating voltage range for the
system ICs. The thresholds are pre-trimmed and exhibit
tight distribution, reducing the range over which an
undesirable reset may occur.
Manual Reset Input. A logic low on MR asserts reset. Reset remains asserted as long as MR is
low and for 180ms after MR returns high. This active-low input has an internal 20k
Ω pull-up
resistor. It can be driven from a TTL or CMOS-logic line, or shorted to ground with a switch.
Leave open if unused.
3
3
+5V, +3.3V, or +3V Supply Voltage
4
4
Active-High Reset Output. RESET remains high while VCC is below the reset threshold or while
MR is held low. RESET remains high for Reset Active Timeout Period (tRP) after the reset condi-
tions are terminated.
2
Active-Low Reset Output. RESET remains low while VCC is below the reset threshold or while
MR is held low. RESET remains low for the Reset Active Timeout Period (tRP) after the reset
conditions are terminated.
2
Ground
1
1
FUNCTION
PIN
MR
VCC
RESET
RESET
GND
NAME
MAX811
MAX812


Similar Part No. - MAX811_EUS-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX811-EUS-T MAXIM-MAX811-EUS-T Datasheet
144Kb / 8P
   4-Pin uP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX811_EUS-T MAXIM-MAX811_EUS-T Datasheet
185Kb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Tiger Electronic Co.,Lt...
MAX811_EUS-T TGS-MAX811_EUS-T Datasheet
1Mb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811_EUS-T MAXIM-MAX811_EUS-T Datasheet
901Kb / 9P
   4-Pin 關P Voltage Monitors with Manual Reset Input
2018
More results

Similar Description - MAX811_EUS-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
   4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G632 GMT-G632 Datasheet
34Kb / 1P
   4-Pin P Voltage Monitors with Manual Reset Input
logo
List of Unclassifed Man...
G692 ETC-G692 Datasheet
171Kb / 7P
   4-Pin UP Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX812LEUS MAXIM-MAX812LEUS Datasheet
144Kb / 8P
   4-Pin uP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
   4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Unisonic Technologies
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
83CXXX UTC-83CXXX Datasheet
139Kb / 6P
   4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Global Mixed-mode Techn...
G692 GMT-G692 Datasheet
36Kb / 1P
   4-Pin 關P Voltage Monitors with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com