Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6461UK-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6461UK-T
Description  Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6461UK-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6461UK-T Datasheet HTML 2Page - Maxim Integrated Products MAX6461UK-T Datasheet HTML 3Page - Maxim Integrated Products MAX6461UK-T Datasheet HTML 4Page - Maxim Integrated Products MAX6461UK-T Datasheet HTML 5Page - Maxim Integrated Products MAX6461UK-T Datasheet HTML 6Page - Maxim Integrated Products MAX6461UK-T Datasheet HTML 7Page - Maxim Integrated Products MAX6461UK-T Datasheet HTML 8Page - Maxim Integrated Products MAX6461UK-T Datasheet HTML 9Page - Maxim Integrated Products MAX6461UK-T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Ultra-Low-Power Voltage Detectors and
µP Supervisory Circuits
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
10 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2005 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.
Chip Information
TRANSISTOR COUNT: 581
PROCESS: BiCMOS
Package Information
For the latest package outline information, go to
www.maxim-ic.com/packages.)
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX6463XR_ _-T
-40°C to +125°C
3 SC70-3
MAX6463UR_ _-T
-40°C to +125°C
3 SOT23-3
MAX6463UK_ _-T
-40°C to +125°C
5 SOT23-5
MAX6464XR_ _-T
-40°C to +125°C
3 SC70-3
MAX6464UR_ _-T
-40°C to +125°C
3 SOT23-3
MAX6464UK_ _-T
-40°C to +125°C
5 SOT23-5
MAX6465XR_ _-T
-40°C to +125°C
3 SC70-3
MAX6465UR_ _-T
-40°C to +125°C
3 SOT23-3
MAX6465UK_ _-T
-40°C to +125°C
5 SOT23-5
MAX6466XR_ _-T
-40°C to +125°C
3 SC70-3
MAX6466UR_ _-T
-40°C to +125°C
3 SOT23-3
MAX6466UK_ _-T
-40°C to +125°C
5 SOT23-5
The MAX6461–MAX6466 are available in factory-set thresholds
from 1.6V to 5.5V in approximately 100mV increments. Choose
the desired voltage threshold suffix from Table 1 and insert it in
the blank spaces in the part number. There are 30 standard ver-
sions with a required order increment of 2500 pieces. Sample
stock generally is held on the standard versions only (Table 2).
Nonstandard versions require a 10k-piece order increment.
Contact factory for availability. All devices available in tape-and-
reel only.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.


Similar Part No. - MAX6461UK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6461UK MAXIM-MAX6461UK Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6461UK MAXIM-MAX6461UK Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
More results

Similar Description - MAX6461UK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
   Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
   Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX705 MAXIM-MAX705_10 Datasheet
169Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
MAX706RESA-T MAXIM-MAX706RESA-T Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
MAX708ESA MAXIM-MAX708ESA Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com