Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9381ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9381ESA
Description  Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9381ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX9381ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
device and any added delay by circuit board traces.
The minimum supply voltage is 2.375V and is deter-
mined by input and output voltage range.
Output Termination
Terminate the outputs through 50
Ω to VCC - 2V or use
equivalent Thevenin terminations. Terminate each Q and
Q outputs with identical termination on each for the lowest
output distortion. When a single-ended signal is taken
from the differential output, terminate both Q and Q.
Ensure that output currents do not exceed the current
limits as specified in the Absolute Maximum Ratings
table. Under all operating conditions, the device’s total
thermal limits should be observed.
Power-Supply Bypassing
Bypass VCC to VEE with high-frequency surface-mount
ceramic 0.1µF and 0.01µF capacitors. Place the capac-
itors as close to the device as possible with the 0.01µF
capacitor closest to the device pins.
Use multiple vias when connecting the bypass capaci-
tors to ground. This reduces trace inductance, which
lowers power-supply bounce when drawing high tran-
sient currents.
Circuit Board Traces
Circuit board trace layout is very important to maintain
the signal integrity of high-speed differential signals.
Maintaining integrity is accomplished in part by reduc-
ing signal reflections and skew, and increasing com-
mon-mode noise immunity.
Signal reflections are caused by discontinuities in the
50
Ω characteristic impedance of the traces. Avoid dis-
continuities by maintaining the distance between differ-
ential traces, not using sharp corners, or using vias.
Maintaining distance between the traces also increases
common-mode noise immunity. Reducing signal skew
is accomplished by matching the electrical length of
the differential traces.
Chip Information
TRANSISTOR COUNT: 375
PROCESS: Bipolar
Lowest Power 3.0GHz ECL/PECL
Differential Data and Clock D Flip-Flop
6
_______________________________________________________________________________________
D
D
CLK
CLK
Q
Q
tS
tH
tPLH
Q - Q
tR
20%
80%
0V (DIFFERENTIAL)
tPHL
DIFFERENTIAL
OUTPUT
WAVEFORM
20%
80%
0V (DIFFERENTIAL)
tF
Figure 2. CLK-to-Q Propagation Delay and Transition Timing Diagram


Similar Part No. - MAX9381ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9381 MAXIM-MAX9381 Datasheet
188Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
More results

Similar Description - MAX9381ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9381 MAXIM-MAX9381 Datasheet
188Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52_06 Datasheet
153Kb / 9P
   5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL52 MICREL-SY10EL52 Datasheet
49Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52 MICREL-SY10EL52_05 Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52ZC MICREL-SY10EL52ZC Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL51 ONSEMI-MC100LVEL51_06 Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
MC10EL51 ONSEMI-MC10EL51_06 Datasheet
152Kb / 9P
   5V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 6
MC10EP51 ONSEMI-MC10EP51_12 Datasheet
156Kb / 11P
   ECL D Flip-Flop with Reset and Differential Clock
November, 2012 ??Rev. 10
MC10EP52 ONSEMI-MC10EP52_16 Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com