Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9381ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9381ESA
Description  Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9381ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9381ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9381ESA Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Lowest Power 3.0GHz ECL/PECL
Differential Data and Clock D Flip-Flop
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC - VEE = 3.3V, outputs loaded with 50
Ω ±1% to VCC - 2V, VIH = VCC - 1V, VIL = VCC - 1.5V, fCLK = 3GHz, fD = fCLK/2 input tran-
sition time = 125ps (20% to 80%), unless otherwise noted.)
SUPPLY CURRENT (IEE)
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
18
20
22
24
16
-40
85
INPUTS AND
OUTPUTS OPEN
OUTPUT AMPLITUDE (VOH - VOL)
vs. CLK FREQUENCY
CLK FREQUENCY (GHz)
2.5
2.0
1.5
1.0
0.5
03.0
400
500
600
700
800
300
OUTPUT RISE/FALL TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-40
85
fCLK = 1.5GHz
FALL TIME
RISE TIME
117
119
121
123
125
115
TEMPERATURE (
°C)
330
340
350
360
320
CLK-TO-Q PROPAGATION DELAY
vs. TEMPERATURE
60
35
10
-15
-40
85
tPHL
tPLH


Similar Part No. - MAX9381ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9381 MAXIM-MAX9381 Datasheet
188Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
More results

Similar Description - MAX9381ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9381 MAXIM-MAX9381 Datasheet
188Kb / 7P
   Lowest Power 3.0GHz ECL/PECL Differential Data and Clock D Flip-Flop
Rev 0; 4/02
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52_06 Datasheet
153Kb / 9P
   5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL52 MICREL-SY10EL52 Datasheet
49Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52 MICREL-SY10EL52_05 Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52ZC MICREL-SY10EL52ZC Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL51 ONSEMI-MC100LVEL51_06 Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
MC10EL51 ONSEMI-MC10EL51_06 Datasheet
152Kb / 9P
   5V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 6
MC10EP51 ONSEMI-MC10EP51_12 Datasheet
156Kb / 11P
   ECL D Flip-Flop with Reset and Differential Clock
November, 2012 ??Rev. 10
MC10EP52 ONSEMI-MC10EP52_16 Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com