Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4122EUK Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4122EUK
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4122EUK Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4122EUK Datasheet HTML 1Page - Maxim Integrated Products MAX4122EUK Datasheet HTML 2Page - Maxim Integrated Products MAX4122EUK Datasheet HTML 3Page - Maxim Integrated Products MAX4122EUK Datasheet HTML 4Page - Maxim Integrated Products MAX4122EUK Datasheet HTML 5Page - Maxim Integrated Products MAX4122EUK Datasheet HTML 6Page - Maxim Integrated Products MAX4122EUK Datasheet HTML 7Page - Maxim Integrated Products MAX4122EUK Datasheet HTML 8Page - Maxim Integrated Products MAX4122EUK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply Rail-to-Rail I/O Op Amps
_______________________________________________________________________________________
5
60
-40
100
1k
10k
1M
10M
100k
100M
MAX4322/26/29
GAIN AND PHASE vs. FREQUENCY
-20
FREQUENCY (Hz)
0
20
40
PHASE
GAIN
AV = +1000
NO LOAD
180
144
72
0
-72
-144
-180
-108
-36
36
108
MAX4322/26/29-01
60
-40
100
1k
10k
1M
10M
100k
100M
MAX4122/23/26/27/29
GAIN AND PHASE vs. FREQUENCY
(WITH CLOAD)
-20
MAX4122/29-02
FREQUENCY (Hz)
0
20
40
PHASE
GAIN
AV = +1000
RL = ∞
CL = 500pF
180
144
72
0
-72
-144
-180
-108
-36
36
108
0
-100
10
100
1k
100k
1M
10M
10k
100M
MAX4122/23/26/27/29
POWER-SUPPLY REJECTION
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
AV = +1
__________________________________________Typical Operating Characteristics
(VCC = +5V, VEE = 0V, VCM = VCC/2, TA = +25°C, unless otherwise noted.)
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +6.5V, VEE = 0V, SHDN ≥ 2V (or open), TA = +25°C, unless otherwise noted.)
MAX4124/25/28 (AV ≥ 10)
MAX4122/23/26/27/29 (AV = 1)
MAX4126/27/28/29
f = 1kHz
f = 1kHz
VCC = 3V, VOUT = VCC/2,
MAX4123/25/27
CONDITIONS
pF
500
Capacitive Load Stability
500
dB
135
Amp-Amp Isolation
pA/
√Hz
0.4
Input Noise Current Density
nV/
√Hz
22
Input Noise Voltage Density
pF
3
Input Capacitance
µs
0.2
SHDN Delay
1
UNITS
MIN
TYP
MAX
PARAMETER
Enable
Disable
60
-40
100
1k
10k
100k
1M
10M
MAX4124/25/28
GAIN AND PHASE vs. FREQUENCY
-20
MAX14122/29-04
FREQUENCY (Hz)
0
20
40
180
144
-180
-144
-108
-72
-36
36
0
108
72
AV = +1000
NO LOAD
GAIN
PHASE
60
-40
100
1k
10k
1M
10M
100k
100M
MAX4124/25/28
GAIN AND PHASE vs. FREQUENCY
(WITH CLOAD)
-20
MAX4122/29-05
FREQUENCY (Hz)
0
20
40
PHASE
GAIN
AV = +1000
RL = ∞
CL = 500 pF
180
144
72
0
-72
-144
-180
-108
-36
36
108
0
-100
10
100
1k
100k
1M
10M
10k
100M
MAX4124/25/28
POWER-SUPPLY REJECTION
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
AV = +10


Similar Part No. - MAX4122EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4122EUK MAXIM-MAX4122EUK Datasheet
285Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
19-1087; Rev 1; 8/97
More results

Similar Description - MAX4122EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4122 MAXIM-MAX4122 Datasheet
285Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
19-1087; Rev 1; 8/97
MAX4130 MAXIM-MAX4130_V01 Datasheet
256Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
MAX4130 MAXIM-MAX4130 Datasheet
194Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
19-1089; Rev 2; 8/97
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4322 MAXIM-MAX4322 Datasheet
226Kb / 12P
   Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com