Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1793EUE-33 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1793EUE-33
Description  Low-Dropout, Low IQ, 1A Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1793EUE-33 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1793EUE-33 Datasheet HTML 1Page - Maxim Integrated Products MAX1793EUE-33 Datasheet HTML 2Page - Maxim Integrated Products MAX1793EUE-33 Datasheet HTML 3Page - Maxim Integrated Products MAX1793EUE-33 Datasheet HTML 4Page - Maxim Integrated Products MAX1793EUE-33 Datasheet HTML 5Page - Maxim Integrated Products MAX1793EUE-33 Datasheet HTML 6Page - Maxim Integrated Products MAX1793EUE-33 Datasheet HTML 7Page - Maxim Integrated Products MAX1793EUE-33 Datasheet HTML 8Page - Maxim Integrated Products MAX1793EUE-33 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX1793 low-dropout linear regulator (LDO) oper-
ates from +2.5V to +5.5V and delivers a guaranteed 1A
load current with a low 210mV dropout. The high-accu-
racy (±1%) output voltage is preset at an internally
trimmed voltage (see the
Ordering Information) or can
be adjusted from 1.25V to 5.0V with an external resis-
tor-divider.
An internal pMOS pass transistor allows a low 125µA
supply current, making the MAX1793 ideal for battery-
operated portable equipment. Other features include a
built-in reset output, low-power shutdown, and short-cir-
cuit and thermal-overload protection. The MAX1793 is
available in a 1.5W, 16-pin power TSSOP package,
which is 30% smaller than a SOT223 package and only
1.1mm high.
________________________Applications
Notebook Computers
Cordless Telephones
Cellular Phones
Modems
Handheld Instruments
PDAs and Palmtop Computers
Features
o Guaranteed 1A Output Current
o Low 210mV Dropout at 1A
o Up to ±1% Output Voltage Accuracy
Preset at 1.5V, 1.8V, 2.0V, 2.5V, 3.3V or 5.0V
Adjustable from 1.25V to 5.0V
o Reset Output (4ms Delay)
o Low 125µA Ground Current
o 0.1µA Shutdown
o Low 115µVRMS Output Noise
o Thermal-Overload Protection
o Output Current Limit
o Tiny TSSOP Power Package (1.5W)
30% Smaller than SOT223 (only 1.1mm high)
Low-Dropout, Low IQ, 1A Linear Regulator
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
N.C.
N.C.
OUT
OUT
OUT
OUT
SET
GND
N.C.
TOP VIEW
MAX1793
TSSOP
IN
IN
RST
IN
IN
SHDN
N.C.
EP
Pin Configuration
NC
MAX1793
IN
IN
IN
IN
IN
OFF
ON
CIN
SHDN
OUT
OUT
OUT
OUT
RST
SET
GND
COUT
OUT
RESET
OUTPUT
Typical Operating Circuit
19-1654; Rev 3; 1/12
Ordering Information
Ordering Information continued at end of data sheet
*
EP = Exposed pad.
†Contact factory for other preset output voltages.
/V Denotes an automotive qualified part.
Note: Devices are also available in a lead(Pb)-free/RoHS-
compliant package. Specify lead-free by adding “+” to the part
number when ordering.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN-
PACKAGE
VOUT†
(V)
MAX1793EUE-50
-40
°C to +85°C 16 TSSOP-EP* 5.0 or Adj
MAX1793EUE-33
-40
°C to +85°C 16 TSSOP-EP* 3.3 or Adj
MAX1793EUE-33/V -40
°C to +85°C 16 TSSOP-EP* 3.3 or Adj


Similar Part No. - MAX1793EUE-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1793EUE-33 MAXIM-MAX1793EUE-33 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
MAX1793EUE-33 MAXIM-MAX1793EUE-33 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
MAX1793EUE-33 MAXIM-MAX1793EUE-33 Datasheet
412Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 3; 1/12
MAX1793EUE-33/V MAXIM-MAX1793EUE-33/V Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
MAX1793EUE-33/V MAXIM-MAX1793EUE-33/V Datasheet
412Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 3; 1/12
More results

Similar Description - MAX1793EUE-33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
MAX1793 MAXIM-MAX1793 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
MAX1793 MAXIM-MAX1793_12 Datasheet
412Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 3; 1/12
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com