Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1793EUE-50 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1793EUE-50
Description  Low-Dropout, Low IQ, 1A Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1793EUE-50 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1793EUE-50 Datasheet HTML 1Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 2Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 3Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 4Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 5Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 6Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 7Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 8Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Low-Dropout, Low IQ, 1A Linear Regulator
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VOUT(NOM) + 0.5V or VIN = 2.5V (whichever is greater), SHDN = IN, TA = +0°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS
(VIN = VOUT(NOM) + 0.5V or VIN = 2.5V (whichever is greater), SHDN = IN, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
1.6
SHDN Input Threshold
VIL
+2.5V < VIN < +5.5V
0.6
V
SHDN Input Bias Current
ISHDN
SHDN = GND or IN
0.01
1µA
RST Output Low Voltage
VOL
ISINK = 1mA
0.1
V
Operating Voltage Range for
RST Valid
ISINK = 100µA
1.0
5.5
V
RST Output High Leakage
V RST = +5.5V
0.01
1µA
RST Trip Level Referred to
Nominal VOUT
Rising edge
90
94
96
% VOUT
RST Release Delay
Rising edge
1.5
4.0
8.0
ms
Thermal Shutdown Temperature
TSHDN
Typical thermal hysteresis = 20°C
170
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.5
5.5
V
Input Undervoltage Lockout
VIN
2.0
2.3
V
IOUT = 250mA
-2.5
2.5
Output Voltage Accuracy
(preset mode, SET = GND)
IOUT = 1mA to 1A, VIN > VOUT + 0.5V
-3.2
3.2
%
IOUT = 250mA, VIN = 3V
1.216
1.284
SET Voltage Threshold
(for adjustable output)
IOUT = 1mA to 1A, VIN = 3V
1.210
1.290
V
Adjustable Output Voltage
Range
1.25
5
V
Maximum Output Current
IOUT
Continuous, VIN
≥ 3V
1
ARMS
Short-Circuit Current Limit
ILIM
VOUT = 0V, VIN
≥ 3V
1.1
3.3
A
SET Pin Dual Mode Threshold
50
150
mV
SET Input Bias Current
ISET
VSET = +1.25V
±100
nA
Ground Current
IGND
IOUT = 100µA
200
µA
MAX1793-33, -50
350
Dropout Voltage (Note 1)
VIN -
VOUT
IOUT = 1A,
SET = GND
MAX1793-25
450
mV
Line Regulation
∆VLNR
VIN from (VOUT + 0.1V) to +5.5V,
IOUT = 5mA, SET = GND
-0.15
0.15
%/V
Shutdown Supply Current
IOFF
SHDN = GND, VIN = +5.5V
16
µA
VIH
1.6
SHDN Input Threshold
VIL
+2.5V < VIN < +5.5V
0.6
V
SHDN Input Bias Current
ISHDN
SHDN = GND or IN
1
µA
RST Output Low Voltage
VOL
ISINK = 1mA
0.1
V


Similar Part No. - MAX1793EUE-50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1793EUE-50 MAXIM-MAX1793EUE-50 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
MAX1793EUE-50 MAXIM-MAX1793EUE-50 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
MAX1793EUE-50 MAXIM-MAX1793EUE-50 Datasheet
412Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 3; 1/12
More results

Similar Description - MAX1793EUE-50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
MAX1793 MAXIM-MAX1793 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
MAX1793 MAXIM-MAX1793_12 Datasheet
412Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 3; 1/12
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com