Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1793EUE-50 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1793EUE-50
Description  Low-Dropout, Low IQ, 1A Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1793EUE-50 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1793EUE-50 Datasheet HTML 1Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 2Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 3Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 4Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 5Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 6Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 7Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 8Page - Maxim Integrated Products MAX1793EUE-50 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Low-Dropout, Low IQ, 1A Linear Regulator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VOUT(NOM) + 0.5V or VIN = 2.5V (whichever is greater), SHDN = IN, TA = +0°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, SHDN, RST to GND ............................................-0.3V to +6V
OUT, SET to GND ........................................-0.3V to (VIN + 0.3V)
Output Short-Circuit Duration ............................................Infinite
Continuous Power Dissipation (TA = +70°C)
TSSOP-EP (derate 19mW/°C above +70°C) .....................1.5W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
Soldering Temperature (reflow)
Lead(Pb)-
Free Packages..............................................+260°C
Packages
Containing Lead(Pb)....................................+240°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.5
5.5
V
Input Undervoltage Lockout
VIN
2.0
2.3
V
Preset VOUT
≥ 2.5V
-1
+1
TA = +85
°C,
IOUT = 250mA
Preset VOUT < 2.5V
-1.5
+1.5
TA = 0
°C to +85°C, IOUT = 250mA
-2
+2
Output Voltage Accuracy
(Preset Mode, SET = GND)
TA = 0
°C to +85°C, IOUT = 1mA to 1A,
VIN > VOUT + 0.5V
-3
+3
%
TA = +85
°C, IOUT = 250mA, VIN = 3V
1.229
1.250
1.271
TA = 0
°C to +85°C, IOUT = 250mA, VIN = 3V
1.219
1.281
SET Voltage Threshold
(For Adjustable Output)
TA = 0
°C to +85°C, IOUT = 1mA to 1A, VIN = 3V
1.212
1.288
V
Adjustable Output Voltage
Range
1.25
5
V
Maximum Output Current
IOUT
Continuous, VIN
≥ 3V
1
ARMS
Short-Circuit Current Limit
ILIM
VOUT = 0V, VIN
≥ 3V
1.1
1.8
3.3
A
In-Regulation Current Limit
VOUT within 4% of nominal output voltage,
VIN = 5.5V
2.8
A
SET Pin Dual Mode Threshold
50
150
mV
SET Input Bias Current
ISET
VSET = +1.25V
±100
nA
Ground Current
IGND
IOUT = 100µA
125
200
µA
MAX1793-33, -50
210
350
Dropout Voltage (Note 1)
VIN - VOUT
IOUT = 1A,
SET = GND
MAX1793-25
270
450
mV
Line Regulation
∆VLNR
VIN from (VOUT + 0.1V) to +5.5V,
IOUT = 5mA, SET = GND
-0.15
0
+0.15
%/V
Load Regulation
∆VLDR
IOUT = 100µA to 1A
0.7
%
Output Voltage Noise
10Hz to 1MHz, COUT = 6.8µF (ESR < 0.1
Ω)
115
µVRMS
Shutdown Supply Current
IOFF
SHDN = GND, VIN = +5.5V
0.1
16
µA
Output Pulldown Resistance in
Shutdown
SHDN = GND
5
k


Similar Part No. - MAX1793EUE-50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1793EUE-50 MAXIM-MAX1793EUE-50 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
MAX1793EUE-50 MAXIM-MAX1793EUE-50 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
MAX1793EUE-50 MAXIM-MAX1793EUE-50 Datasheet
412Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 3; 1/12
More results

Similar Description - MAX1793EUE-50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
MAX1793 MAXIM-MAX1793 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
MAX1793 MAXIM-MAX1793_12 Datasheet
412Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 3; 1/12
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com