Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1793EUE25 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1793EUE25
Description  Low-Dropout, Low IQ, 1A Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1793EUE25 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1793EUE25 Datasheet HTML 3Page - Maxim Integrated Products MAX1793EUE25 Datasheet HTML 4Page - Maxim Integrated Products MAX1793EUE25 Datasheet HTML 5Page - Maxim Integrated Products MAX1793EUE25 Datasheet HTML 6Page - Maxim Integrated Products MAX1793EUE25 Datasheet HTML 7Page - Maxim Integrated Products MAX1793EUE25 Datasheet HTML 8Page - Maxim Integrated Products MAX1793EUE25 Datasheet HTML 9Page - Maxim Integrated Products MAX1793EUE25 Datasheet HTML 10Page - Maxim Integrated Products MAX1793EUE25 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Thermal-overload protection is designed to safeguard
the MAX1793 in the event of fault conditions. For con-
tinuous operation, do not exceed the absolute maxi-
mum junction-temperature rating of TJ = +150°C.
Operating Region and Power Dissipation
Maximum power dissipation of the MAX1793 depends
on the thermal resistance of the case and circuit board,
the temperature difference between the die junction
and ambient air, and the rate of air flow. The power dis-
sipated by the device is: P = IOUT (VIN – VOUT). The
resulting maximum power dissipation is:
PMAX = [(TJ(MAX) – TA)/(
θJC + θCA)]
where (TJ(MAX) – TA) is the temperature difference
between the maximum allowed die junction (+150°C) and
the surrounding air,
θJC (junction-to-case) is the thermal
resistance of the package chosen, and
θCA is the thermal
resistance from the case through the PCB, copper traces,
and other materials to the surrounding air. Figure 4 shows
allowable power dissipation for typical PCBs at +25°C,
+50°C, and +70°C ambient temperatures.
The MAX1793 TSSOP-EP package features an exposed
thermal pad on its underside. This pad lowers the ther-
mal resistance of the package by providing a direct heat
conduction path from the die to the PCB. Additionally,
the ground pin (GND) also channels heat. Connect the
exposed thermal pad and GND to circuit ground by
using a large pad (minimum 1in2 recommended), or mul-
tiple vias to the ground plane.
Applications Information
Capacitor Selection
and Regulator Stability
Capacitors are required at the input and output of the
MAX1793. Connect a 4.7µF capacitor between IN and
ground (CIN) and a 6.8µF capacitor between OUT and
ground (COUT). CIN serves only to lower the source
impedance of the input supply and may be smaller than
4.7µF when the MAX1793 is powered from regulated
power supplies or low-impedance batteries.
The output capacitor’s equivalent series resistance (ESR)
affects stability and output noise. COUT ESR should be
0.5
Ω or less to ensure stability and optimum transient
response. Surface-mount ceramic capacitors have very
low ESR and are commonly available in values up to
10µF. Other low-ESR (< 0.5
Ω) capacitors, such as sur-
face-mount tantalum or OS-CON, may also be used.
Connect CIN and COUT as close to the IC as possible to
minimize the impact of PCB trace inductance.
Noise, PSRR, and Transient Response
The MAX1793 output noise is typically 115µVRMS during
normal operation. This is suitably low for most applica-
tions. See the output noise plot in the
Typical Operating
Characteristics.
The MAX1793 is designed to achieve low dropout volt-
age and low quiescent current in battery-powered sys-
tems while still maintaining good noise, transient
response, and AC rejection. See the
Typical Operating
Characteristics for a plot of Power-Supply Rejection
Ratio (PSRR) vs. Frequency. When operating from very
noisy sources, supply noise rejection and transient
response can be improved by increasing the values of
the input and output capacitors and employing passive
postfiltering.
Input-Output (Dropout) Voltage
A regulator’s minimum input-to-output voltage differential
(dropout voltage) determines the lowest usable supply
voltage. In battery-powered systems, this determines the
useful end-of-life battery voltage. Since a p-channel
MOSFET is used as the pass device, dropout voltage is
the product of RDS(ON) and load current (see the
Electrical Characteristics and Dropout Voltage vs. Load
Current in the
Typical Operating Characteristics). The
MAX1793 operating current typically remains below
225µA in dropout.
Low-Dropout, Low IQ, 1A Linear Regulator
_______________________________________________________________________________________
9
0
0.6
0.8
1.6
0.4
0.2
1.0
1.2
1.4
1.8
2.0
1
03
24
5
6
MAXIMUM OUTPUT CURRENT vs.
INPUT-OUTPUT DIFFERENTIAL VOLTAGE
INPUT-OUTPUT DIFFERENTIAL VOLTAGE (V)
MAXIMUM CONTINUOUS CURRENT
TA = +50
°C
TJ(MAX) = +150
°C
TA = +70
°C
TA = +25
°C
Figure 4. Power Operating Region: Maximum Output Current
vs. Input-Output Differential Voltage


Similar Part No. - MAX1793EUE25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1793EUE-15 MAXIM-MAX1793EUE-15 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
MAX1793EUE-15 MAXIM-MAX1793EUE-15 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
MAX1793EUE-18 MAXIM-MAX1793EUE-18 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
MAX1793EUE-18 MAXIM-MAX1793EUE-18 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
MAX1793EUE-20 MAXIM-MAX1793EUE-20 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
More results

Similar Description - MAX1793EUE25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1793 MAXIM-MAX1793_09 Datasheet
236Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 2; 9/09
MAX1793 MAXIM-MAX1793 Datasheet
448Kb / 10P
   Low-Dropout, Low IQ, 1A Linear Regulator
19-1654; Rev 1; 11/00
MAX1793 MAXIM-MAX1793_12 Datasheet
412Kb / 11P
   Low-Dropout, Low IQ, 1A Linear Regulator
Rev 3; 1/12
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
   Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
   Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com